Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSW6024 Datasheet HTML 1Page - Qorvo, Inc RFSW6024 Datasheet HTML 2Page - Qorvo, Inc RFSW6024 Datasheet HTML 3Page - Qorvo, Inc RFSW6024 Datasheet HTML 4Page - Qorvo, Inc RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
3 of 13
www.qorvo.com
®
Electrical Specifications (Continued)
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Operational Frequency Range
5
6000
MHz
Input IP3
1.0 GHz
+12 dBm input power per-tone,
1 MHz tone spacing
55
65
dBm
2.0 GHz
55
65
dBm
Input 0.1 dB Compression Power
1.0 GHz
36
dBm
Input 1 dB Compression Power
1.0 GHz
36
dBm
Setting Time
50% VCTL to optimum functionality
1.5
3.0
μs
Start-up Time
90% VDD to full functionality
25
50
μs
Switching Time
50% control to 10/90% RF
250
ns
50% control to 2/98% RF
360
600
ns
Supply Current (IDD)
VDD 5.0V
140
200
μA
Control Current, (ICTL, IEN)
VCTL 5.0V
0.5
5.0
μA
Low Control Voltage (VCTL)
1.8 V Logic compatible
0
0.63
V
High Control Voltage (VCTL)
1.1
VDD
V
Notes:
1. Test conditions unless otherwise noted: VDD
 = +5.0 V, VCTL = 0/+5.0 V, Temp = +25 °C, 50 Ω system, RF ports DC Voltage 0V
2. PCB trace loss deducted.
Maximum Operating Power at +85C, ≥300 MHz CW
Input Port
State
VEN
Power
Thermal Resistance, θjc
RFC, RF1 or RF2
ON
Low
33.0 dBm (1)
97 °C/W (2)
RFC
Both OFF & RFC Reflective
High
31.3 dBm
N/A
RF1 or RF2
OFF & Terminated (5)
Low or High
26.0 dBm
100 °C/W
RF1 and RF2
Both OFF & Terminated (5)
High
27.8 dBm (3)
65 °C/W
Notes:
1.
Load VSWR ≤ 3:1; for higher load VSWR, the maximum Input power reduced to +30.5 dBm
2. Apply to resistive loss from the insertion loss not including mismatch loss
3. Total power on both RF1 and RF2 ports being driven simultaneously
4. For < 300 MHz, it is recommended to operate at least 4 dB below Input 1 dB Compression Power
5. Internally terminated
Truth Table
Control Input
Signal Path State
VCTL
VEN
RFC
⇆ RF1
RFC
⇆ RF2
0
0
OFF
ON
1
0
ON
OFF
0
1
OFF
OFF
1
1
OFF
OFF
Notes:
“0” = 0 V to 0.63 V; “1” = 1.1 V to VDD; VDD = 2.5 to 5.5 V must be applied for all valid states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com