Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 4 Page - Qorvo, Inc

  RFSW6024 Datasheet HTML 1Page - Qorvo, Inc RFSW6024 Datasheet HTML 2Page - Qorvo, Inc RFSW6024 Datasheet HTML 3Page - Qorvo, Inc RFSW6024 Datasheet HTML 4Page - Qorvo, Inc RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
4 of 13
www.qorvo.com
®
5 MHz to 6 GHz
Evaluation Board  –  RFSW6024PCK-410
Bill of Material  –  RFSW6024PCK-410
Reference Des.
Value
Description
Manuf.
Part Number
-
-
Printed Circuit Board
Qorvo
RFSW6224-410(A)
U1
-
SOI, High Isolation SPDT RF switch
Qorvo
RFSW6024
C2, C3, C4 (1)
100 pF
CAP, 100 pF, 5%, 50V, C0G, 0402
Taiyo Yuden
RM UMK105 CG101JV-F
R2, R3, R5, R6, R7
0 Ω
RES,
0 Ω, 50 Ω Max. Lead Free, 0402
KOA
RK73Z1ETTP
J1, J2, J3, J4, J5
SMA
CONN, SMA, EL, Mini FLT 0.068”, SPE-000303
Aliner
20-001CF-T
P1
-
CONN, HDR, ST, PLRZD, 6-
Pin, 0.100”
AMP
640454-6
Note:
1. Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com