Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSW6024 Datasheet HTML 1Page - Qorvo, Inc RFSW6024 Datasheet HTML 2Page - Qorvo, Inc RFSW6024 Datasheet HTML 3Page - Qorvo, Inc RFSW6024 Datasheet HTML 4Page - Qorvo, Inc RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
2 of 13
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Device Voltage (VDD)
+2.5
+3.0
+5.5
V
TCASE
−40
+105
°C
Tj for >105 hours MTTF
+125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 °C to +150 °C
RF Input Power, CW, 50 Ω, T=25 °C
+36 dBm
Device Voltage (VDD)
+6 V
Control Voltage (VCTL, VEN)
+6 V
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
 (1)
Min
Typ
Max
Units
Operational Frequency Range
5
6000
MHz
Insertion Loss (2)
(RFC to RF1/RF2)
0.3 GHz
0.55
dB
1.0 GHz
0.60
dB
2.0 GHz
0.75
1.00
dB
3.0 GHz
0.90
dB
4.0 GHz
0.90
dB
5.0 GHz
1.10
dB
Isolation
(RFC to RF1/RF2)
0.3 GHz
75
dB
1.0 GHz
63
dB
2.0 GHz
53
60
dB
3.0 GHz
60
dB
4.0 GHz
60
dB
5.0 GHz
48
dB
Isolation
(RF1 to RF2)
0.3 GHz
80
dB
1.0 GHz
70
dB
2.0 GHz
53
60
dB
3.0 GHz
53
dB
4.0 GHz
48
dB
5.0 GHz
49
dB
Return Loss
(RF1/RF2 ON-State)
0.3 GHz
28
dB
1.0 GHz
27
dB
2.0 GHz
20
dB
3.0 GHz
20
dB
4.0 GHz
22
dB
5.0 GHz
17
dB
Return Loss
(RF1/RF2 OFF-State)
0.3 GHz
37
dB
1.0 GHz
36
dB
2.0 GHz
30
dB
3.0 GHz
27
dB
4.0 GHz
23
dB
5.0 GHz
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com