Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc RFSW6024 Datasheet HTML 10Page - Qorvo, Inc RFSW6024 Datasheet HTML 11Page - Qorvo, Inc RFSW6024 Datasheet HTML 12Page - Qorvo, Inc RFSW6024 Datasheet HTML 13Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RFSW6024
5 MHz to 6 GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
11 of 13
www.qorvo.com
®
Tape and Reel Information
– Carrier and Cover Tape Dimensions
Feature
Measure
Symbol
Size (in)
Size (mm)
Cavity
Length
A0
0.169
4.30
Width
B0
0.169
4.30
Depth
K0
0.049
1.25
Pitch
P1
0.315
8.00
Centerline Distance
Cavity to Perforation - Length Direction
P2
0.079
2.00
Cavity to Perforation - Width Direction
F
0.217
5.50
Cover Tape
Width (Reference Only)
C
0.362
9.20
Carrier Tape
Width
W
0.472
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com