Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSW6024 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSW6024
Description  5MHz to 6GHz Absorptive High Isolation SPDT Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSW6024 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSW6024 Datasheet HTML 1Page - Qorvo, Inc RFSW6024 Datasheet HTML 2Page - Qorvo, Inc RFSW6024 Datasheet HTML 3Page - Qorvo, Inc RFSW6024 Datasheet HTML 4Page - Qorvo, Inc RFSW6024 Datasheet HTML 5Page - Qorvo, Inc RFSW6024 Datasheet HTML 6Page - Qorvo, Inc RFSW6024 Datasheet HTML 7Page - Qorvo, Inc RFSW6024 Datasheet HTML 8Page - Qorvo, Inc RFSW6024 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RFSW6024
5MHz to 6GHz Absorptive High Isolation SPDT Switch
Datasheet, Rev. J, April 21, 2023 | Subject to change without notice
1 of 13
www.qorvo.com
®
16 Pad 4
 x 4 mm QFN Package
Key Features
• 5 – 6000 MHz Operation
• Symmetric SPDT
• Non-Reflective RF1 & RF2 Ports
• No Blocking Capacitors Necessary
Unless DC Voltage on RF line
• High Isolation: 60 dB at 2 GHz
• High Input IP3: +66 dBm
• +1.8 V Logic Compatible
Product Overview
The RFSW6024 is a Silicon on Insulator (SOI) Single-Pole
Double Throw (SPDT) switch designed for uses in cellular,
3G, LTE and other high-performance communication
systems. It offers a high isolation, symmetric throw ports
with excellent linearity and power handling capability. No
DC blocking capacitors are necessary on the RF ports. The
design is non-reflective as such the RF port 1 or RF port 2
is terminated in the non-throw state. The VEN enable pin
allows the switch entering the
“All OFF State”. The
RFSW6024 is 1.8V positive logic compatible.
Ordering Information
Part No.
Description
RFSW6024TR13
2,500 pieces on a 13
” reel (standard)
RFSW6024
 PCK-410
5 MHz
– 6GHz Evaluation Board
with 5-piece samples
Functional Block Diagram
Top View
Applications
• Cellular, 3G, 4G, 5G Infrastructure
• WiBro, WiMax, LTE
• Wireless Backhaul
• High Performance Communication Systems
• Test Equipment


Similar Part No. - RFSW6024

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSW6024 RFMD-RFSW6024 Datasheet
1Mb / 13P
300MHz to 6000MHz Operation
More results

Similar Description - RFSW6024

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
logo
BeRex Corporation
BSW6421 BEREX-BSW6421 Datasheet
1Mb / 13P
5MHz-6000MHz High Isolation Reflective SPDT RF switch
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com