Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 45Page - Infineon Technologies AG TLE5010 Datasheet HTML 46Page - Infineon Technologies AG TLE5010 Datasheet HTML 47Page - Infineon Technologies AG TLE5010 Datasheet HTML 48Page - Infineon Technologies AG TLE5010 Datasheet HTML 49Page - Infineon Technologies AG TLE5010 Datasheet HTML 50Page - Infineon Technologies AG TLE5010 Datasheet HTML 51Page - Infineon Technologies AG TLE5010 Datasheet HTML 52Page - Infineon Technologies AG TLE5010 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
TLE5010
Overvoltage Comparators
Draft
Preliminary Data Sheet
49
V 0.9, 2007-05
12.3
GND - Off Comparator
This comparator is used to detect a voltage difference between the GND pin and TST1
(which must be soldered to GND in the application). It activates the
STAT_VR bit.
This circuit can detect a disconnection of the Supply GND Pin.
.
Figure 18
GND - Off Comparator
12.4
VDD - Off Comparator
This comparator detects a disconnection of the VDD pin supply voltage. In this case the
TLE5010 is supplied by the SCK, CLK and CS input pins via the ESD structures.
It activates the
STAT_VR bit.
The retriggerable analog monoflop is necessary because of the not static signal of the
CLK and SCK signals.
This comparator is also activated, if spikes on CLK or SCK achieve the condition:
(
VCLK - VDD) > VVDDoff or (VSCK - VDD) > VVDDoff
.
Figure 19
VDD - Off Comparator
-
+
10µs
Spike
Filter
GND_OFF
VDDA
GND
TST1
GND
VDD
+dV
VGNDoff
10µs
Spike
Filter
VDD _OFF
VDDA
GND
VDD
CLK
SCK
-dV
GND
1µs
Mono
Flop
-
+
VVDDoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com