Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 9Page - Infineon Technologies AG TLE5010 Datasheet HTML 10Page - Infineon Technologies AG TLE5010 Datasheet HTML 11Page - Infineon Technologies AG TLE5010 Datasheet HTML 12Page - Infineon Technologies AG TLE5010 Datasheet HTML 13Page - Infineon Technologies AG TLE5010 Datasheet HTML 14Page - Infineon Technologies AG TLE5010 Datasheet HTML 15Page - Infineon Technologies AG TLE5010 Datasheet HTML 16Page - Infineon Technologies AG TLE5010 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
TLE5010
Absolute Maximum Ratings
Draft
Preliminary Data Sheet
13
V 0.9, 2007-05
3
Absolute Maximum Ratings
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
During absolute maximum rating overload conditions (
VIN > VDD or VIN < GND)
the voltage on
VDD pins with respect to ground (GND) must not exceed the values
defined by the absolute maximum ratings.
Table 2
Absolute Maximum Rating Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Voltage on
VDD pin
respect to ground (
VSS)
VDD
-0.5
6.5
V
max 40 h / lifetime
Voltage on any pin
respect to ground (VSS)
VIN
-0.5
6.5
V
VDD + 0.35 V may
not be exceeded
Junction Temperature
TJ
-40
150
°C
Magnetic Field Induction B
-
|125|
mT
max 5 min. @
tA = 25°C
-
|80|
max 5 h @
tA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com