Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 17Page - Infineon Technologies AG TLE5010 Datasheet HTML 18Page - Infineon Technologies AG TLE5010 Datasheet HTML 19Page - Infineon Technologies AG TLE5010 Datasheet HTML 20Page - Infineon Technologies AG TLE5010 Datasheet HTML 21Page - Infineon Technologies AG TLE5010 Datasheet HTML 22Page - Infineon Technologies AG TLE5010 Datasheet HTML 23Page - Infineon Technologies AG TLE5010 Datasheet HTML 24Page - Infineon Technologies AG TLE5010 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
TLE5010
Electrical and Magnetic Parameters
Draft
Preliminary Data Sheet
21
V 0.9, 2007-05
Offset Correction
After read-out of the X and Y value first the temperature corrected offset value has to be
subtracted.
Amplitude Normalization
Then the X and Y values are normalized using the peak values determined in the
calibration.
Non-Orthogonality Correction
The influence of the non-orthogonality can be compensated using following equation.
Only the Y channel has to be corrected.
Resulting Angle
After correction of all errors, the resulting angle can be calculated using the arctan
function1).
1)
µC-function “arctan2(Y3,X2)” to resolve 360°
X
1
XO
X
–
=
Y
1
YO
Y
–
=
X
2
X
1
A
X
------
=
Y
2
Y
1
A
Y
------
=
Y
3
Y
2
X
2
ϕ
–
()
sin
×
–
ϕ
–
()
cos
-------------------------------------------
=
α
arc
Y
3
X
2
------


tan
ϕ
X
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com