Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 19Page - Infineon Technologies AG TLE5010 Datasheet HTML 20Page - Infineon Technologies AG TLE5010 Datasheet HTML 21Page - Infineon Technologies AG TLE5010 Datasheet HTML 22Page - Infineon Technologies AG TLE5010 Datasheet HTML 23Page - Infineon Technologies AG TLE5010 Datasheet HTML 24Page - Infineon Technologies AG TLE5010 Datasheet HTML 25Page - Infineon Technologies AG TLE5010 Datasheet HTML 26Page - Infineon Technologies AG TLE5010 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
TLE5010
Signal Processing
Draft
Preliminary Data Sheet
23
V 0.9, 2007-05
6
Signal Processing
Table 11
Signal Processing
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.1)
1)
For 4 Mhz input frequency
max.
Internal Cutoff
Frequency (-3dB)
of sin or cos Value
fCut-Off
-
4.9
-
kHz
FIR_BYP=0
19.6
FIR_BYP=1
Update Time of
sin or cos Value2)
2)
tupd = 8192 / (25 x fCLK) for FIR_BYP = 0
tupd = 8192 / (100 x fCLK) for FIR_BYP = 1
tupd
-
81,9
-
µs
FIR_BYP=0
-
20,5
-
FIR_BYP=1
Settle Time 3)
3)
tsettle = 2 x tupd , after change of ADC input source
tsettle
-
163,8
-
FIR_BYP=0
-
41,0
-
FIR_BYP=1
Peak ADC Output
value
ADCPk
-
-
23230
digits signed 16 bit
integer (2s
complement) 4) 5)
6)
4)
Output values are valid up to this limit. Above it, corrupted results may occur due to non-linearity of the ADC.
5)
The internal quantization is typically 5.166 µV per digit.
6)
Correspond to max. GMR output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com