Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 14Page - Infineon Technologies AG TLE5010 Datasheet HTML 15Page - Infineon Technologies AG TLE5010 Datasheet HTML 16Page - Infineon Technologies AG TLE5010 Datasheet HTML 17Page - Infineon Technologies AG TLE5010 Datasheet HTML 18Page - Infineon Technologies AG TLE5010 Datasheet HTML 19Page - Infineon Technologies AG TLE5010 Datasheet HTML 20Page - Infineon Technologies AG TLE5010 Datasheet HTML 21Page - Infineon Technologies AG TLE5010 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
TLE5010
Electrical and Magnetic Parameters
Draft
Preliminary Data Sheet
18
V 0.9, 2007-05
Amplitude Definition
The amplitude is defined as half difference between the signed maximum and minimum
values of the idealized (fitted) sine or cosine wave.
Offset Definition
The offset of the X and Y signals is defined as the mean value between the signed
maximum and minimum values of the idealized (fitted) sine or cosine wave.
Temperature dependent behavior
The temperature offset gradients for both channels depend on the value at 25°C. It can
be calculated using following linear equations:
OX25, OY25: Offset values at 25°C in digits.
.
Table 8
GMR Temperature Coefficients
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Offset Temperature
Coefficient base
tco_d_x -
+0.116296
-
digits_/_K
tco_d_y -
-0.079401
-
Offset Temperature
Coefficient gain
tco_k_x -
-0.0010147
-
1_/_K
tco_k_y -
-0.0010121
-
A
X
X
MAX
X
MIN
–
2
---------------------------------
=
A
Y
Y
MAX
Y
MIN
–
2
--------------------------------
=
O
X
X
MAX
X
MIN
+
2
---------------------------------
=
O
Y
Y
MAX
Y
MIN
+
2
---------------------------------
=
KT
OX
tco_d_x
tco_k_x
O
X25
×
()
+
=
KT
OY
tco_d_y
tco_k_y
O
Y25
×
()
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com