Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5010 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE5010
Description  GMR Based Angular Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5010 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE5010 Datasheet HTML 15Page - Infineon Technologies AG TLE5010 Datasheet HTML 16Page - Infineon Technologies AG TLE5010 Datasheet HTML 17Page - Infineon Technologies AG TLE5010 Datasheet HTML 18Page - Infineon Technologies AG TLE5010 Datasheet HTML 19Page - Infineon Technologies AG TLE5010 Datasheet HTML 20Page - Infineon Technologies AG TLE5010 Datasheet HTML 21Page - Infineon Technologies AG TLE5010 Datasheet HTML 22Page - Infineon Technologies AG TLE5010 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
TLE5010
Electrical and Magnetic Parameters
Draft
Preliminary Data Sheet
19
V 0.9, 2007-05
Orthogonality Definition
The corresponding maximum and zero crossing points of the SIN and COS signals are
not exactly in a distance of 90°. The difference between X and Y phase is called
’Orthogonality Error’
.
jideal = 0°
jX : Phase error of X (= cos) Signal
jY : Phase error of Y (= sin) Signal
5.4
Calibration
GMR Values
The end-of-line calibration can be done using following sequence.
The conditions are specified in Table 9.
• Turn magnetic field left and measure X and Y values
• Calculation of Amplitude, Offset, Phase correction values of left turn
• Turn further 90° left and 90° back right without measurement
• Turn magnetic field right and measure X and Y values
• Calculation of Amplitude, Offset, Phase correction values of right turn
• Calculation of mean values of Amplitude, Offset, Phase correction values
The above gained values have to be stored in a non-volatile memory. They are used for
the correction of the read-out X and Y values before the angular calculation.
The resulting angular deviation is calculated using above determined parameters.
Temperature Measurement
The signal amplitude
T25 of the temperature measurement path at calibration conditions
has to be measured and stored.
Calibration Conditions
All errors are related to a calibration done using following conditions:
Table 9
GMR calibration conditions
Parameter
Symbol Limit Values
Unit
Notes
min.
typ.
max.
Flux density
BCAL
-
30
-
mT
BZ = 0 mT
Temperature
TCAL
-
25
-
°C
ϕϕ
X
ϕ
Y
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com