Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 14Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 15Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 16Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
VOUT
ILED
IIN
2V/DIV
100 mA/DIV
20 mA/DIV
10 µS/DIV
VOUT
EN1
ILED
IIN
2V/DIV
2V/DIV
200 mA/DIV
200 mA/DIV
200 ms/DIV
2V/DIV
2V/DIV
100 mA/DIV
100 mA/DIV
VOUT
EN2
IIN
ILED
100 µs/DIV
VOUT
EN1
ILED
IIN
2V/DIV
2V/DIV
100 mA/DIV
100 mA/DIV
1 ms/DIV
GAIN = 1.5x
2V/DIV
2V/DIV
200 mA/DIV
200 mA/DIV
VOUT
EN1,
EN2
IIN
ILED
400 µs/DIV
GAIN = 1.5x
VIN (V)
110
90
70
50
30
10
2.7
3.2
3.7
4.2
4.7
5.2
700 mA
100 mA
500 mA
13
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8.2.3 Application Curves
Figure 9. Efficiency vs VIN
VIN = 3.6 V
ILED = 500 mA
Figure 10. Shutdown to Flash Mode
VIN = 3.6 V
ILED = 108 mA
Gain = 1×
EN1 = 0 V
Figure 11. Shutdown to Torch Mode
VIN = 3.6 V
ILED (torch) = 108 mA
EN2 = 0 V
Figure 12. Shutdown to Indicator Mode
EN1 = VIN = 3.6 V
ILED (torch) = 108 mA
Gain = 1×
EN2 = 0 V
Figure 13. Indicator Mode
EN2 = VIN = 3.6 V
ILED (flash) = 500 mA
Gain = 1.5×
Figure 14. Torch to Flash Mode Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com