Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
VLED- (V)
800
700
600
500
400
300
200
100
0
0.0
0.5
1.0
1.5
500 mA
100 mA
700 mA
R SET (k:)
1k
900
800
700
600
500
400
300
200
100
0
10
15
20
25
30
35
Torch
Flash
VIN (V)
5.000
4.000
3.000
2.000
1.000
0.000
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
1.5x
1x
VIN (V)
0.04
0.03
0.02
0.01
0.00
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
EN1 = EN2 = 0V
VIN (V)
110
90
70
50
30
10
2.7
3.2
3.7
4.2
4.7
5.2
700 mA
100 mA
500 mA
VIN (V)
1.15
1.13
1.11
1.09
1.07
1.05
2.7
3.2
3.7
4.2
4.7
5.2
6
LM2758
SNVS551E – APRIL 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Unless otherwise specified: TA = 25°C, VIN = 3.6 V, CIN = COUT = 2.2 µF, C1 = C2 = 1 µF. Capacitors are low-ESR multi-layer
ceramic capacitors (MLCCs). Luxeon PWF1 Flash LED.
Figure 1. Efficiency vs VIN
Figure 2. Oscillator Frequency vs VIN
Figure 3. Quiescent Current vs VIN
Figure 4. Shutdown Current vs VIN
Figure 5. ILED vs VLED–
Figure 6. LED Current vs RSET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com