Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 14Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM2758
RSET
ISET
PGND SGND
EN1
EN2
VIN
C1
+
C2
+
C2
-
C1
-
CPOUT
LED-
+
-
2.7 V to 5.5 V
C2
C1
CIN
COUT
Copyright © 2016, Texas Instruments Incorporated
11
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM2758 can drive one flash LED at currents up to 700 mA. The multi-gain charge-pump boost regulator
allows for the use of small value discrete external components.
8.2 Typical Application
Figure 8. LM2758 Typical Application
8.2.1 Design Requirements
For typical switched-capacitor LED-driver applications, use the parameters listed in Table 2.
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.7 V
Maximum output current
700 mA
8.2.2 Detailed Design Procedure
8.2.2.1 Capacitor Selection
The LM2758 device requires 4 external capacitors for proper operation. Surface-mount multi-layer ceramic
capacitors are recommended. These capacitors are small, inexpensive and have very low equivalent series
resistance (ESR < 20 m
Ω typical). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic
capacitors are not recommended for use with the LM2758 due to their high ESR compared to ceramic
capacitors. For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred
for use with the LM2758. Ceramic capacitors have tight capacitance tolerance (as good as ±10%) and hold their
value over temperature (X7R: ±15% over –55°C to +125°C; X5R: ±15% over –55°C to +85°C). Capacitors with
Y5V or Z5U temperature characteristic are generally not recommended for use with the LM2758. Capacitors with
these temperature characteristics typically have wide capacitance tolerance (+80%, –20%) and vary significantly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com