Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2758TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not ensured,
but do represent the most likely norm. Unless otherwise specified, conditions for TTYP specifications are: VIN = 3.6 V and TA = 25°C.
(3)
CIN, COUT, C1, C2: Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
(4)
Output voltage is internally limited not to exceed maximum specified value.
(5)
These table entries are specified by design. These parameters are not ensured by production testing. The temperature limits for test are
(–40°C
≤ TA ≤ +85°C).
(6)
The temperature limits for ISD (shutdown current) test are -40°C ≤ TA ≤ +85°C, as in shutdown mode ambient temperature is equal to
junction temperature.
(7)
The timeout specifications are calculated values based on the switching frequency spread.
6.5 Electrical Characteristics
Unless otherwise specified, aspecifications apply to the Figure 8 with VIN = 3.6 V, VEN1 = VIN, VEN2 = 0 V,
C1 = C2 = 1 µF, CIN = COUT = 2.2 µF, RSET = 20 kΩ, TJ = 25°C.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILED
LED current accuracy
ILED = 500 mA, flash mode
500
ILED = 500 mA, flash mode
–40°C
≤ TJ ≤ 125°C
450
550
mA
VSET
ISET pin voltage
1.3
V
ID/ISET
LED current to set current
ratio
Flash mode
7650
Torch mode
1639
ILED-IND
Indicator current level
Indicator mode
32-kHZ PWM mode
1/32 ×
ILED-
TORCH
mA
VGDX
1× to 1.5× gain transition
voltage threshold on VLED–
IOUT = 500 mA
300
mV
VOUT
Output voltage
1× mode, IOUT = 0 mA
VIN
V
1.5× mode, IOUT = 0 mA
(4)
4.8
1.5× mode, IOUT = 0 mA
–40°C
≤ TJ ≤ 125°C
(4)
5.3
ROUT
1× mode output impedance
IOUT = 200 mA, VIN = 3.3 V
–40°C
≤ TJ ≤ 125°C
0.33
Ω
IOUT = 200 mA, VIN = 3.3 V
(5)
0.53
1.5× mode output
impedance
IOUT = 500 mA, VIN = 3.3 V
(5)
1.5
2.0
FSW
Switching frequency
1.25
MHz
–40°C
≤ TJ ≤ 125°C
0.8
1.5
IQ
Quiescent current
IOUT = 0 mA 1× mode, –40°C ≤ TJ ≤ 125°C
0.7
mA
IOUT = 0 mA 1x mode
0.8
IOUT = 0 mA 1.5× mode
4
IOUT = 0 mA 1.5× mode, –40°C ≤ TJ ≤ 125°C
5
ISD
Shutdown current
Device disabled(6)
0.01
µA
Device disabled, –40°C
≤ TJ ≤ 125°C
(6)
1
TOUT
Timeout duration
–40°C
≤ TJ ≤ 125°C, see
(7)
814
msec
See(7)
640
1000
VIH
Input logic high
Pins: EN1, EN2, –40°C
≤ TJ ≤ 125°C
1.2
V
VIL
Input logic low
Pins: EN1, EN2, –40°C
≤ TJ ≤ 125°C
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com