Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM2758TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
LM2758
SNVS551E – APRIL 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
All voltages are with respect to the potential to the GND pin.
(4)
For detailed soldering specifications and information, see AN-1112 DSBGA Wafer Level Chip Scale Package (SNVA009).
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2) (3)
MIN
MAX
UNIT
VIN, CPOUT pins: voltage to GND
–0.3
6
V
EN1, EN2 pins: Voltage to GND
–0.3
(VIN + 0.3) w/ 6 V
maximum
V
Continuous power dissipation
Junction temperature, TJ-MAX
150
°C
Maximum lead temperature (soldering)
See(4)
Storage temperature, Tstg
–65°C
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±200
(1)
All voltages are with respect to the potential at the GND pin.
(2)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operation junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (RθJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
2.7
5.5
V
Junction temperature, TJ
–40
125
°C
Ambient temperature, TA
(2)
–40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
LM2758
UNIT
YZR (DSBGA)
12 PINS
RθJA
Junction-to-ambient thermal resistance
93.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.7
°C/W
RθJB
Junction-to-board thermal resistance
16.1
°C/W
ψJT
Junction-to-top characterization parameter
2.9
°C/W
ψJB
Junction-to-board characterization parameter
16.0
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com