Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2758TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2758TL/NOPB Datasheet HTML 1Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 2Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 3Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 4Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 5Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 6Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 7Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
A1
B1
C1
A2
EN1
SGND
B2
LED
-
A3
D1
VIN
PGND
D2
D3
C1
+
B3
C3
C2
EN2
C1
-
C2
+
C2
-
ISET
A1
B1
C1
A2
EN1
SGND
B2
LED
-
A3
D1
VIN
PGND
D2
D3
C1
+
B3
C3
C2
EN2
C1
-
C2
+
C2
-
CPOUT
ISET
3
LM2758
www.ti.com
SNVS551E – APRIL 2008 – REVISED MAY 2016
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YZR Package
12-Pin DSBGA
Top View
YZR Package
12-Pin DSBGA
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
A1
EN1
Input
The EN2 pins is used to select the modes (torch, indicator, flash), as well as to put the part into
shutdown mode.
A2
SGND
Ground
Analog and control ground for charge pump. Connect this pin directly to a low impedance
ground plane.
A3
ISET
Power
LED current programming resistor pin. A resistor connected between this pin, and GND is used
to set torch, flash and indicator currents.
B1
C1+
Power
Flying capacitor pin — connect a 1-µF ceramic capacitor from C1+ to C1
−
B2
CPOUT
Output
Charge pump regulated output. A 2.2-µF ceramic capacitor is required from CPOUT to GND.
Connect flash LED anode to this pin.
B3
EN2
Input
The EN1 pin is used to select the modes (torch, indicator, flash), as well as to put the part into
Shutdown mode.
C1
VIN
Input
Supply voltage connection
C2
C2+
Power
Flying capacitor pins — connect a 1-µF ceramic capacitor from C2+ to C2
−.
C3
LED
−
Output
Regulated current source output. Connect flash LED cathode to this pin.
D1
C2
−
Power
Flying capacitor pin — connect a 1-µF ceramic capacitor from C2+ to C2
−.
D2
C1
−
Power
Flying capacitor pin — connect a 1-µF ceramic capacitor from C1+ to C1
−
D3
PGND
Ground
Power ground for the charge pump and the current source. Connected the pin directly to a low-
impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com