Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 29 Page - Texas Instruments

Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 25Page - Texas Instruments CC1070-RTR1 Datasheet HTML 26Page - Texas Instruments CC1070-RTR1 Datasheet HTML 27Page - Texas Instruments CC1070-RTR1 Datasheet HTML 28Page - Texas Instruments CC1070-RTR1 Datasheet HTML 29Page - Texas Instruments CC1070-RTR1 Datasheet HTML 30Page - Texas Instruments CC1070-RTR1 Datasheet HTML 31Page - Texas Instruments CC1070-RTR1 Datasheet HTML 32Page - Texas Instruments CC1070-RTR1 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
CC1070
SWRS043A
Page 29 of 54
14 Frequency Synthesizer
14.1 VCO, Charge Pump and PLL Loop Filter
The VCO is completely integrated and
operates in the 1608 – 1880 MHz range. A
frequency divider is used to get a
frequency in the UHF range (402 – 470
and 804 – 940 MHz). The BANDSELECT
bit in the ANALOG register selects the
frequency band.
The VCO frequency is given by:
+
+
=
8192
5
.
0
3
DITHER
FREQ
f
f
ref
VCO
The VCO frequency is divided by 2 and by
4 to generate frequencies in the two
bands, respectively.
The VCO sensitivity (sometimes referred
to as VCO gain) varies over frequency and
operating conditions. Typically the VCO
sensitivity varies between 12 and 36
MHz/V. For calculations the geometrical
mean at 21 MHz/V can be used. The PLL
calibration (explained below) measures
the actual VCO sensitivity and adjusts the
charge pump current accordingly to
achieve correct PLL loop gain and
bandwidth (higher charge pump current
when VCO sensitivity is lower).
The following equations can be used for
calculating PLL loop filter component
values, see Figure 3, for a desired PLL
loop bandwidth, BW:
C7 = 3037 (fref / BW
2) –7
[pF]
R2 = 7126 (BW / fref)
[kΩ]
C6 = 80.75 (fref / BW
2)
[nF]
R3 = 21823 (BW / fref)
[kΩ]
C8 = 839 (fref / BW
2) –6
[pF]
Define a minimum PLL loop bandwidth as
BWmin =
220
75
.
80
ref
f
. If BWmin >
Baud rate/3 then set BW = BWmin and if
BWmin < Baud rate/3 then set BW = Baud
rate/3 in the above equations.
There are two special cases when using
the recommended 14.7456 MHz crystal:
1) If the data rate is 4.8 kBaud or below
and the RF operating frequency is in the
402 – 470 MHz frequency range the
following loop filter components are
recommended:
C6 = 220 nF
C7 = 8200 pF
C8 = 2200 pF
R2 = 1.5 kΩ
R3 = 4.7 kΩ
2) If the data rate is 4.8 kBaud or below
and the RF operating frequency is in the
804 – 940 MHz frequency range the
following loop filter components are
recommended:
C6 = 100 nF
C7 = 3900 pF
C8 = 1000 pF
R2 = 2.2 kΩ
R3 = 6.8 kΩ
After calibration the PLL bandwidth is set
by the PLL_BW register in combination
with the external loop filter components
calculated above. The PLL_BW can be
found from
PLL_BW = 146 + 16 log2(fref /7.126)
where fref is the reference frequency (in
MHz). The PLL loop filter bandwidth
increases with increasing PLL_BW setting.
After calibration the applied charge pump
current (CHP_CURRENT[3:0]) can be
read in the STATUS1 register. The charge
pump current is approximately given by:
[]
uA
I
CURRENT
CHP
CHP
4
_
2
16
=
The combined charge pump and phase
detector gain (in A/rad) is given by the
charge pump current divided by 2
π.
The PLL bandwidth will limit the maximum
modulation frequency and hence data
rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com