Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 50 Page - Texas Instruments

Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 50 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 46Page - Texas Instruments CC1070-RTR1 Datasheet HTML 47Page - Texas Instruments CC1070-RTR1 Datasheet HTML 48Page - Texas Instruments CC1070-RTR1 Datasheet HTML 49Page - Texas Instruments CC1070-RTR1 Datasheet HTML 50Page - Texas Instruments CC1070-RTR1 Datasheet HTML 51Page - Texas Instruments CC1070-RTR1 Datasheet HTML 52Page - Texas Instruments CC1070-RTR1 Datasheet HTML 53Page - Texas Instruments CC1070-RTR1 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
CC1070
SWRS043A
Page 50 of 54
TEST4 Register (24h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST4[7]
CHP_DISABLE
0
H
Disable normal charge pump operation
TEST4[6]
CHP_TEST_UP
0
H
Force charge pump to output “up” current
TEST4[5]
CHP_TEST_DN
0
H
Force charge pump to output “down” current
TEST4[4:3]
-
reserved
TEST4[2]
-
reserved
TEST4[1]
-
reserved
TEST4[0]
-
reserved
TEST5 Register (25h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST5[7]
F_COMP_ENABLE
0
H
Enable frequency comparator output F_COMP from
phase detector
TEST5[6]
SET_DITHER_CLOCK
1
H
Enable dithering of delta-sigma clock
TEST5[5]
-
reserved
TEST5[4]
-
reserved
TEST5[3]
-
reserved
TEST5[2]
-
reserved
TEST5[1:0]
-
reserved
TEST_NFC Register (28h, for test only)
REGISTER
NAME
Default
value
Active
Description
TEST_NFC[7:6]
CAL_WTIME_2
0
-
Wait time vcdac, vco_array, chp_current calibrations.
Encoding:
0 – 1 clock cycle
1 – 2 clock cycles
2 – 6 clock cycles
3 – 50 clock cycles
TEST_NFC[5:4]
CAL_WTIME_1
1
-
Wait time vco_cal_current calibration. Encoding:
0 – 1 clock cycle
1 – 12 clock cycles
2 – 63 clock cycles
3 – 127 clock cycles
TEST_NFC[3:0]
CAL_DEC_LIMIT
5
-
Calibration decision limit in new frequency comparator
STATUS Register (40h, read only)
REGISTER
NAME
Default
value
Active
Description
STATUS[7]
CAL_COMPLETE
-
H
Set to 0 when PLL calibration starts, and set to 1 when
calibration has finished
STATUS[6]
-
-
reserved
STATUS[5]
LOCK_INSTANT
-
H
Instantaneous PLL lock indicator
STATUS[4]
LOCK_CONTINUOUS
-
H
PLL lock indicator, as defined by LOCK_ACCURACY.
Set to 1 when PLL is in lock
STATUS[3]
-
reserved
STATUS[2]
LOCK
-
H
Logical level on LOCK pin
STATUS[1]
DCLK
-
H
Logical level on DCLK pin
STATUS[0]
DIO
-
H
Logical level on DIO pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com