Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 34 Page - Texas Instruments

Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 30Page - Texas Instruments CC1070-RTR1 Datasheet HTML 31Page - Texas Instruments CC1070-RTR1 Datasheet HTML 32Page - Texas Instruments CC1070-RTR1 Datasheet HTML 33Page - Texas Instruments CC1070-RTR1 Datasheet HTML 34Page - Texas Instruments CC1070-RTR1 Datasheet HTML 35Page - Texas Instruments CC1070-RTR1 Datasheet HTML 36Page - Texas Instruments CC1070-RTR1 Datasheet HTML 37Page - Texas Instruments CC1070-RTR1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
CC1070
SWRS043A
Page 34 of 54
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
TX mode
Power Down mode
Turn on frequency synthesizer
MAIN: F_REG=1, FS_PD=0
Wait until lock is detected from LOCK
pin or STATUS register
Turn off TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
Turn on TX:
MAIN: PD_MODE = 0
Wait 100
µs then set PA_POWER
Turn on bias generator
MAIN: BIAS_PD = 0
Wait 150
µs
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1,
XOSC_PD=0, BIAS_PD=1
PA_POWER: 00h
Wait 1.2 ms*
Set PA_POWER = 00h
Wait 100
µs
Power Down mode
Power Down mode
*Time to wait depends
on the crystal frequency
and the load capacitance
TX mode
TX mode
Power Down mode
Power Down mode
Turn on frequency synthesizer
MAIN: F_REG=1, FS_PD=0
Wait until lock is detected from LOCK
pin or STATUS register
Turn off TX:
MAIN: PD_MODE = 1, FS_PD=1,
XOSC_PD=1, BIAS_PD=1
Turn on TX:
MAIN: PD_MODE = 0
Wait 100
µs then set PA_POWER
Turn on bias generator
MAIN: BIAS_PD = 0
Wait 150
µs
Turn on crystal oscillator core
MAIN: PD_MODE=1, FS_PD=1,
XOSC_PD=0, BIAS_PD=1
PA_POWER: 00h
Wait 1.2 ms*
Set PA_POWER = 00h
Wait 100
µs
Figure 19. Sequence for activating TX mode
17 Crystal Oscillator
Any crystal frequency in the range 4 - 20
MHz can be used. The crystal frequency is
used as reference for the data rate (as
well as other internal functions) and in the
4 – 20 MHz range the frequencies 4.9152,
7.3728,
9.8304,
12.2880,
14.7456,
17.2032, 19.6608 MHz will give accurate
data rates as shown in Table 14. The
crystal
frequency
will
influence
the
programming of the CLOCK_A, CLOCK_B
and MODEM registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com