Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 28Page - Texas Instruments CC1070-RTR1 Datasheet HTML 29Page - Texas Instruments CC1070-RTR1 Datasheet HTML 30Page - Texas Instruments CC1070-RTR1 Datasheet HTML 31Page - Texas Instruments CC1070-RTR1 Datasheet HTML 32Page - Texas Instruments CC1070-RTR1 Datasheet HTML 33Page - Texas Instruments CC1070-RTR1 Datasheet HTML 34Page - Texas Instruments CC1070-RTR1 Datasheet HTML 35Page - Texas Instruments CC1070-RTR1 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
CC1070
SWRS043A
Page 32 of 54
C6
[nF]
C7
[pF]
C8
[pF]
R2
[kΩ]
R3
[kΩ]
PLL turn-on time
[us]
Comment
220
8200
2200
1.5
4.7
3200
Up to 4.8 kBaud data rate, 12.5 kHz channel
spacing
100
3900
1000
2.2
6.8
2500
Up to 4.8 kBaud data rate, 25 kHz channel spacing
56
2200
560
3.3
10
1400
Up to 9.6 kBaud data rate, 50 kHz channel spacing
15
560
150
5.6
18
1300
Up to 19.2 kBaud data rate, 100 kHz channel
spacing
3.9
120
33
12
39
1080
Up to 38.4 kBaud data rate, 150 kHz channel
spacing
1.0
27
3.3
27
82
950
Up to 76.8 kBaud data rate, 200 kHz channel
spacing
0.2
1.5
-
47
150
700
Up to 153.6 kBaud data rate, 500 kHz channel
spacing
Table 19. Typical PLL turn-on time to within ±10% of channel spacing for different loop
filter bandwidths
14.4 PLL Lock Time versus Loop Filter Bandwidth
If calibration has been performed the PLL
lock time is the time needed for the PLL to
lock to the desired frequency when going
from one transmit frequency to the next by
changing the F_REG bit in the MAIN
register. The PLL lock time depends on
the PLL loop filter bandwidth. Table 20
gives the PLL lock time for different PLL
loop filter bandwidths.
PLL lock time
[us]
C6
[nF]
C7
[pF]
C8
[pF]
R2
[kΩ]
R3
[kΩ]
1
2
Comment
220
8200
2200
1.5
4.7
180
1300
Up to 4.8 kBaud data rate, 12.5 kHz channel
spacing
100
3900
1000
2.2
6.8
270
830
Up to 4.8 kBaud data rate, 25 kHz channel
spacing
56
2200
560
3.3
10
140
490
Up to 9.6 kBaud data rate, 50 kHz channel
spacing
15
560
150
5.6
18
70
230
Up to 19.2 kBaud data rate, 100 kHz channel
spacing
3.9
120
33
12
39
50
180
Up to 38.4 kBaud data rate, 150 kHz channel
spacing
1.0
27
3.3
27
82
15
55
Up to 76.8 kBaud data rate, 200 kHz channel
spacing
0.2
1.5
-
47
150
14
28
Up to 153.6 kBaud data rate, 500 kHz channel
spacing
Table 20. Typical PLL lock time to within ±10% of channel spacing for different loop filter
bandwidths. 1) 1 channel step, 2) 1 MHz step
15 VCO Current Control
The VCO current is programmable and
should be set according to operating
frequency
and
output
power.
Recommended
settings
for
the
VCO_CURRENT bits in the VCO register
are shown in the register overview (page
40) and also given by SmartRF® Studio.
The VCO current for frequency FREQ_A
and
FREQ_B
can
be
programmed
independently.
The bias current for the PA buffers is also
programmable.
The
BUFF_CURRENT
register controls this current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com