Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1070-RTR1 Datasheet(PDF) 37 Page - Texas Instruments

Part # CC1070-RTR1
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1070-RTR1 Datasheet(HTML) 37 Page - Texas Instruments

Back Button CC1070-RTR1 Datasheet HTML 33Page - Texas Instruments CC1070-RTR1 Datasheet HTML 34Page - Texas Instruments CC1070-RTR1 Datasheet HTML 35Page - Texas Instruments CC1070-RTR1 Datasheet HTML 36Page - Texas Instruments CC1070-RTR1 Datasheet HTML 37Page - Texas Instruments CC1070-RTR1 Datasheet HTML 38Page - Texas Instruments CC1070-RTR1 Datasheet HTML 39Page - Texas Instruments CC1070-RTR1 Datasheet HTML 40Page - Texas Instruments CC1070-RTR1 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 57 page
background image
CC1070
SWRS043A
Page 37 of 54
20.3 PA_EN Pin Drive
Figure 21 shows the PA_EN pin drive
currents. The sink and source currents
have opposite signs but absolute values
are used in Figure 21.
0
200
400
600
800
1000
1200
1400
Voltage on PA_EN pin [V]
source current, 3 V
sink current, 3V
source current, 2.3 V
sink current, 2.3 V
source current, 3.6 V
sink current, 3.6 V
Figure 21. Typical PA_EN pin drive
21 System Considerations and Guidelines
SRD regulations
International regulations and national laws
regulate the use of radio receivers and
transmitters. SRDs (Short Range Devices)
for license free operation are allowed to
operate in the 433 and 868 - 870 MHz
bands in most European countries. In the
United States, such devices operate in the
260 – 470 and 902 - 928 MHz bands. A
summary of the most important aspects of
these regulations can be found in
Application Note AN001 SRD regulations
for license free transceiver operation,
available from the TI web site.
Narrow band systems
CC1070
is
specifically
designed
for
narrowband systems complying with ARIB
STD T-67 and EN 300 220. The
CC1070
meets the strict requirements to ACP
(Adjacent Channel Power) and occupied
bandwidth for a narrowband transmitter.
To meet the ARIB STD T-67 requirements
a 3.0 V regulated voltage supply should be
used.
Such narrowband performance normally
requires the use of external ceramic filters.
The
CC1070 provides this performance as a
true single-chip solution.
Japan and Korea have allocated several
frequency bands at 424, 426, 429, 449
and 469 MHz for narrowband license free
operation.
CC1070 is designed to meet the
requirements for operation in all these
bands, including the strict requirements for
narrowband operation down to 12.5 kHz
channel spacing.
A unique feature in
CC1070 is the very fine
frequency resolution. This can be used for
temperature compensation of the crystal if
the temperature drift curve is known and a
temperature sensor is included in the
system. Even initial adjustment can be
performed
using
the
frequency
programmability. This eliminates the need
for an expensive TCXO and trimming in
some applications. For more details refer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com