Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
1M
10M
100M
1G
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
LP
MP
Avcl = +1
Vout = 200mVp-p
Differential
HP
10k
100k
1M
10M
100M
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
ûVocm = 200mVpp
MP
HP
LP
1M
10M
100M
1G
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
LP
MP
Avcl = +1
Vout = 200mVp-p
Differential
HP
10k
100k
1M
10M
100M
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
ûVocm = 200mVp-p
MP
HP
LP
1M
10M
100M
1G
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
LP
MP
Avcl = +1
Vout = 200mVp-p
Differential
HP
10k
100k
1M
10M
100M
-15
-12
-9
-6
-3
0
3
FREQUENCY (Hz)
ûVocm = 200mVp-p
MP
HP
LP
LMP8350
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
www.ti.com
6.8 Typical Characteristics
Unless otherwise specified, TA = 25°C, Avcl = +1, RF=RG = 1 kΩ, fully differential input, VS = +10 V, RL = 2 kΩ//20 pF
differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
Figure 1. Frequency Response at 10 V
Figure 2. VOCM Frequency Response at 10 V
Figure 3. Frequency Response at 6.6 V
Figure 4. VOCM Frequency Response at 6.6 V
Figure 5. Frequency Response at 5 V
Figure 6. VOCM Frequency Response at 5 V
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com