Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
RG
RG
VOCM
RL
VO
RF
RF
CL
RO
EN
+
-
VI a
RM
RT
RS
RIN =
RG
1-
RF
2 * (RF + RG)
RO
SET RM = RT||RS
SET RT =
1
1
RS
-
1
RIN
¨¨
©
§
¨¨
©
§
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
Application Information (continued)
The amplifier and ADC muist be located as close together as possible. Both devices require that the filter
components be in close proximity to them. The amplifier needs to have minimal parasitic loading on the output
traces, and the ADC is sensitive to high-frequency noise that may couple in on its input lines. Some high
performance ADCs have an input stage that has a bandwidth of several times its sample rate. The sampling
process results in all input signals presented to the input stage mixing down into the Nyquist range (DC to Fs/2).
See AN-236 (SNAA079) for more details on the subsampling process and the requirements this imposes on the
filtering necessary in your system.
8.1.4 Capacitive Drive
As noted in the Driving Analog to Digital Converters section, capacitive loads should be isolated from the
amplifier output with small valued resistors. This is particularly the case when the load has a resistive component
that is 500
Ω or higher. A typical ADC has capacitive components of around 8 to 18 pF, and the resistive
component could be 1000
Ω or higher. If driving a transmission line, such as a twisted pair, using matching
resistors will be sufficient to isolate any subsequent capacitance.
8.2 Typical Application
Figure 34 shows a typical application where an LMP8350 is used to produce a differential signal from a single-
ended source.
Figure 34. Single-Ended in Differential Out
8.2.1 Design Requirements
Compared to a differential input, using a single-ended input will reduce gain by 1/2, so that the closed-loop gain
will be calculated by Equation 4:
Gain = Av = 0.5 × RF / RG
(4)
In single-ended input operation the output common-mode voltage is set by the VOCM pin. Also, In this mode the
common-mode feedback circuit must recreate the signal that is not present on the unused differential input pin.
The common-mode feedback circuit is responsible for ensuring balanced output with a single-ended input.
Balance error is defined as the amount of input signal that couples into the output common mode. It is measured
as the undesired output common-mode swing divided by the signal on the input. Balance error can be caused by
either a channel to channel gain error, or phase error. Either condition will produce a common-mode shift. The
overall bandwidth is limited due to the VOCM buffer bandwidth limitations in this configuration.
Supply and VOCM pin bypassing are also critical in this mode of operation.
8.2.2 Detailed Design Procedure
For a single-ended input differential output configuration Figure 34, component value selection is dictated by the
gain and input resistance desired. Figure 35 shows the OUT+ and OUT– relative to the single ended voltage
signal input +. Depending on the feedback resistor values, the amplitude gain of the OUT+ and OUT– will vary.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com