Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
10.3 Power Dissipation
The LMP8350 is optimized for maximum performance in the small form factor of the standard SOIC package,
and is essentially a dual-channel amplifier. To ensure maximum output drive and highest performance, thermal
shutdown is not provided. Therefore, it is of utmost importance to make sure that the TJMAX of 150°C is never
exceeded due to the overall power dissipation.
Follow these steps to determine the Maximum power dissipation for the LMP8350:
1. Calculate the quiescent (no-load) power using Equation 5 (Be sure to include any current through the
feedback network if VOCM is not mid-rail.):
PAMP = ICC× (VS)
where
•
VS = V
+ – V−.
(5)
2. Calculate the RMS power dissipated in each of the output stages using Equation 6:
PD (rms) = rms ((VS – V
+
OUT) × I
+
OUT) + rms ((VS − V
−
OUT) × I
−
OUT)
where
•
VOUT and IOUT are the voltage and the current measured at the output pins of the differential amplifier as if they
were single ended amplifiers and VS is the total supply voltage.
(6)
3. Calculate the total RMS power: PT = PAMP + PD.
The maximum power that the LMP8350 package can dissipate at a given temperature can be derived from
Equation 7:
PMAX = (150° – TAMB)/ θJA
where
•
TAMB = Ambient temperature (°C)
•
and
θJA = Thermal resistance, from junction to ambient, for a given package (°C/W). For the SOIC package θJA
is 150°C/W.
(7)
NOTE
If VOCM is not 0 V then there will be quiescent current flowing in the feedback network.
This current should be included in the thermal calculations and added into the quiescent
power dissipation of the amplifier.
10.4 Evaluation Board
Generally, a good high-frequency layout will keep power supply and ground traces away from the inverting input
and output pins. Parasitic capacitances on these nodes to ground will cause frequency response peaking and
possible circuit oscillations (see Application Note OA-15 (SNOA367) for more information). Texas Instruments
suggests the following evaluation boards in Table 4 as a guide for high-frequency layout and as an aid in device
testing and characterization:
Table 4. Evaluation Board Guide
EVALUATION BOARD
DEVICE
PACKAGE
PART NUMBER
LMP8350MA
SOIC
LMH730154
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com