Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 26Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
VOCM
V
+
10 PF
0.1 PF
+
-
0.01 PF
0.1 PF
VOCM
0.1 PF
V
+
V
-
0.01 PF
0.01 PF
10 PF
10 PF
0.1 PF
+
-
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
9 Power Supply Recommendations
9.1 Power Supply and VOCM Bypassing
The LMP8350 requires supply bypassing capacitors as shown in Figure 36 and Figure 37 for fastest settling time
and overall stability.
Figure 36. Split-Supply Bypassing Capacitors
The 0.01-µF and 0.1-µF capacitors should be leadless surface mount (SMT) ceramic capacitors and should be
no more than 3 mm from the supply pins. The SMT capacitors should be connected directly to a ground plane.
Thin traces or small vias will reduce the effectiveness of bypass capacitors.
Figure 37. Single-Supply Bypassing Capacitors
Also shown in Figure 36 and Figure 37 is a capacitor from the VOCM pin to ground. The VOCM pin sets the output
common-mode voltage. Any noise on this input is transferred directly to the output. The VOCM pin should be
bypassed even if the pin in not used. There is an internal resistive divider on chip to set the output common-
mode voltage to the midpoint of the supply pins. The impedance looking into this pin is approximately 30 k
Ω. If a
different output common-mode voltage is desired drive this pin with a clean, accurate voltage reference.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com