Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
+
-
OUT+
IN-
IN+
OUT-
V+
V
ocm
V-
EN
V
ocm
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LMP8350 is a fully-differential voltage feedback amplifier designed to drive precision differential ADC
converters. The LMP8350, though fully integrated for ultimate balance and distortion performance, functionally
provides three channels. Two of these channels are the V+ and V− signal path channels, which function similarly
to inverting mode operational amplifiers and are the primary signal paths.
The third channel is the common-mode (VOCM) feedback circuit. This is the circuit that sets the output common
mode as well as driving the V+ and V− outputs to be equal magnitude and opposite phase, even when only one
of the two input channels is driven. The common-mode feedback circuit allows for single-ended to differential
operation. The output common-mode voltage is set by applying the appropriate voltage to the VOCM pin.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Full Bandwidth Limitations
Although the LMP8350 has a unity gain bandwidth of over 200 MHz, it is primarily intended for lower sample
rate, high-precision ADCs with baseband analog input signal bandwidths in the DC to <1 MHz range (not to be
confused with sampling rate). The high open-loop bandwidth of the LMP8350 is used to provide ultra low
distortion and fast settling times. Maximum power bandwidth is limited by the internal output common-mode
feedback path, which is limited to 1 MHz to 5 MHz. Operation with input signals above 1 MHz with near full
output swings can cause random shifts in the output common mode and possible AC instabilities. For this
reason, the LMP8350 is not intended to be used wide bandwidth (> 1 MHz) signal paths. Single-ended inputs
rely on the common-mode signal path and will have a bandwidth limited to that of the internal common-mode
buffer.
7.3.2 ESD Protection
The LMP8350 is protected against electrostatic discharge (ESD) on all pins. The LMP8350 will survive 2000-V
human body model and 200-V machine model events. Under normal operation, the ESD diodes have no effect
on circuit performance. There are occasions, however, when the ESD diodes will be evident. If the LMP8350 is
driven by a large signal while the device is powered down the ESD diodes will conduct. The current that flows
through the ESD diodes will either exit the chip through the supply pins or will flow through the device, hence it is
possible to power up a chip with a large signal applied to the input pins. Using the shutdown mode is one way to
conserve power and still prevent unexpected operation.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com