Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8350MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LMP8350MA/NOPB
Description  LMP8350 Ultra-Low Distortion Fully-Differential Precision ADC Driver With Selectable
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8350MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP8350MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP8350MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
0
2
4
6
8
10 12 14 16 18
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
0
2
4
6
8
10
12
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
0
2
4
6
8
10 12 14 16 18
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
0
2
4
6
8
10
12
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
0
2
4
6
8
10 12 14 16 18
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
0
2
4
6
8
10
12
-160
-140
-120
-100
-80
-60
-40
DIFFERENTIAL OUTPUT (Vpp)
f = 1KHz
HD2
HD3
LMP8350
www.ti.com
SNOSB80C – FEBRUARY 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, TA = 25°C, Avcl = +1, RF=RG = 1 kΩ, fully differential input, VS = +10 V, RL = 2 kΩ//20 pF
differentially, Input CMR and VOCM = mid-supply and HP mode unless otherwise noted.
Figure 7. Distortion at 10 V, High Power
Figure 8. Distortion at 6.6 V, High Power
Figure 9. Distortion at 10 V, Mid Power
Figure 10. Distortion at 6.6 V, Mid Power
Figure 11. Distortion at 10 V, Low Power
Figure 12. Distortion at 6.6 V, Low Power
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP8350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com