Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 19Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 20Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
ack from slave
msb Chip Address lsb
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
noack from master
repeated start
data from slave
start
Id = 20h or 21h
w ack
addr = 05h
ack
rs
r ack Address 05h - data 08h
no
ack stop
msb Chip Address lsb
Id = 20h or 21h
start
SCL
SDA
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 20h or 21H
w
ack
addr = 00h
ack
ack
address 00h ± data 41h
stop
ADR6
Bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
I
2
C SLAVE address (chip address)
23
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Programming (continued)
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LP5520 address is 20h when SI=0 and 21h when SI=1. For the
eighth bit, a 0 indicates a WRITE and a 1 indicates a READ. The second byte selects the register to which the
data is written. The third byte contains data to write to the selected register.
Figure 26. I2C Chip Address
w = write (SDA = 0)
r = read (SDA = 1)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 7-bit chip address, 20h when SI=0 and 21h when SI=1 for LP5520.
Figure 27. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the I2C Read Cycle waveform.
Figure 28. I2C Read Cycle
7.5.1.2 SPI Interface
The LP5520 is compatible with SPI serial-bus specification, and it operates as a slave. The transmission consists
of 16-bit write and read cycles. One cycle consists of 7 address bits, 1 read/write (RW) bit, and 8 data bits. RW-
bit high state defines a write cycle and low defines a read cycle. SO output is normally in high-impedance state,
and it is active only when data is sent out during a read cycle. The address and data are transmitted MSB first.
The slave select signal (SS) must be low during the cycle transmission. SS resets the interface when high, and it
must be taken high between successive cycles. Data is clocked in on the rising edge of the SCK clock signal,
while data is clocked out on the falling edge of SCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com