Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 32Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 34Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 35Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 36Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 37Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
34
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.1.1 Design Requirements
For typical RGB backlight LED-driver I2C-bus applications, use the parameters listed in Table 14.
Table 14. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
2.9 V to 5.5 V
Maximum output voltage
20 V
LED configuration
3 strings with 6 LEDs in series
LED current
Maximum 60 mA per string
Brightness control
I2C
Operation mode
Automatic/normal
Input capacitor
10 µF, 6.3 V
Output capacitors
2 × 4.7 µF, 25 V
Inductor
4.7 µH
Temperature sensor
LM20
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Recommended External Components
8.2.1.2.1.1
Output Capacitor: COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. Capacitor voltage rating must be sufficient; TI recommends 25 V or greater. Examples of suitable
capacitors are: TDK C3216X5R1E475K, Panasonic ECJ3YB1E475K, and Panasonic ECJ4YB1E475K.
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance reduction with the
increased applied voltage (DC bias effect). The capacitance value can fall below half of the nominal capacitance.
Output capacitance that is too low can make the boost converter unstable. Output capacitor value reduction due
to DC bias must be less than 70% at 20 V (minimum 3 µF of real capacitance remaining).
8.2.1.2.1.2
Input Capacitor: CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN gives a lower VIN ripple.
8.2.1.2.1.3
Output Diode: DOUT
A schottky diode must be used for the output diode. To maintain high efficiency the average current rating of the
Schottky diode must be greater than the peak inductor current (1 A). Schottky diodes with a low forward drop and
fast switching speeds are ideal for increasing efficiency in portable applications. Choose a reverse breakdown
voltage of the schottky diode significantly larger (approximately 30 V) than the output voltage. Do not use
ordinary rectifier diodes, because slow switching speeds and long recovery times cause the efficiency and the
load regulation to suffer. A schottky diode with low parasitic capacitance helps in reducing EMI noise. Examples
of suitable diodes are Central Semiconductor CMMSH1-40 and Infineon BAS52-02V.
8.2.1.2.1.4
EMI Filter Components: CSW, RSW, LSW And CHF
EMI filter (RSW, CSW and LSW ) on the SW pin may be needed to slow down the fast switching edges and reduce
ringing. These components must be as near as possible to the SW pin to ensure reliable operation. High
frequency capacitor (CSW) in the boost output helps in suppressing the high frequency noise from the switcher.
50V or greater voltage rating is recommended for the capacitors. The ferrite bead DC resistance must be less
than 0.1
Ω and current rating 1 A or above. The impedance at 100 MHz must be from 30 Ω to 300 Ω. Examples
of suitable types are TDK MPZ1608S101A and Taiyo-Yuden FBMH 1608HM600-T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com