Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 20Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 21Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 22Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
SS
SCK
SI
SO
Don't Care
A6
A5
A4
A3
A2
A1
A0
R/W
0
D7
D6
D5
D4
D3
D2
D1
D0
SS
SCK
SI
SO
A6
A5
A4
A3
A2
A1
A0
1
R/W
D7
D6
D5
D4
D3
D2
D1
D0
24
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Programming (continued)
Figure 29. SPI Write Cycle
Figure 30. SPI Read Cycle
7.5.1.2.1
SPI Incremental Addressing
The LP5520 supports incremental addressing for memory read and write.
7.5.2 EEPROM Memory
The 1-kbit calibration EEPROM memory is organized as 128 × 8 bits. It stores the 12-bit calibration PWM values
for each output at 16°C intervals. Ten temperature points are used to cover the range from –40 to +120°C. The
temperature or light sensor calibration data, self-heating factor, and LED currents are also stored in the memory.
The memory contents and detailed memory map are shown in Table 10 and Table 11.
Table 10. EEPROM Contents
DATA
LENGTH
TOTAL BITS
10 PWM values for red
12
120
10 coefficients for red between the points
8
80
10 PWM values for green
12
120
10 coefficients for green between the points
8
80
10 PWM values for blue
12
120
10 coefficients for blue between the points
8
80
0°C reading for temperature sensor
12
12
Coefficient for temperature sensor
12
12
Maximum self-heating (100% red PWM)
8
8
Default current for ROUT
8
8
Default current for GOUT
8
8
Default current for BOUT
8
8
Free memory for user data
8
368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com