Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 33Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 34Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 35Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 36Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 37Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 38Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 39Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 40Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
37
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The device is designed to operate with an input voltage supply range from 2.9 V to 5.5 V. In typical application
this is from single Li-ion battery cell. This input supply must be well regulated and able to withstand maximum
input current and maintain stable voltage without voltage drop even at load transition condition (start-up or rapid
brightness change). The resistance of the input supply rail must be low enough that the input current transient
does not cause a drop below the 2.9-V level in the LP5520 supply voltage.
10 Layout
10.1 Layout Guidelines
Figure 36 shows a layout recommendation for the LP5520 used to demonstrate the principles of good layout.
This layout can be adapted to the actual application layout if or where possible. It is important that all boost
components are close to the chip, and the high current traces must be wide enough. By placing boost
components on one side of the chip it is easy to keep the ground plane intact below the high current paths. This
way other chip pins can be routed more easily without splitting the ground plane. Bypass VLDO capacitor must
as close as possible to the device.
Here are main points to help with the PCB layout work:
•
Current loops need to be minimized:
–
For low frequency the minimal current loop can be achieved by placing the boost components as close to
the SW and GND_SW pins as possible. Input and output capacitor grounds must be close to each other to
minimize current loop size.
–
Minimal current loops for high frequencies can be achieved by making sure that the ground plane is intact
under the current traces. High-frequency return currents try to find route with minimum impedance, which
is the route with minimum loop area, not necessarily the shortest path. Minimum loop area is formed when
return current flows just under the positive current route in the ground plane, if the ground plane is intact
under the route.
•
GND plane must be intact under the high current boost traces to provide the shortest possible return path and
smallest possible current loops for high frequencies.
•
Current loops when the boost switch is conducting and not conducting must be on the same direction in
optimal case.
•
Inductor must be placed so that the current flows in the same direction as in the current loops. Rotating
inductor 180° changes current direction.
•
Use separate power and noise-free grounds or ground areas. Power ground is used for boost converter
return current and noise-free ground for more sensitive signals, like LDO bypass capacitor grounding as well
as grounding the GNDA pin of the device itself.
•
Boost output feedback voltage to LEDs must be taken out after the output capacitors, not straight from the
diode cathode.
•
Place LDO 1-µF bypass capacitor as close to the LDO pin as possible.
•
Input and output capacitors need strong grounding (wide traces, many vias to GND plane).
•
If two output capacitors are used they need symmetrical layout to get both capacitors working ideally.
•
Output ceramic capacitors have DC-bias effect. If the output capacitance is too low, it can cause boost to
become unstable on some loads; this increases EMI. DC bias characteristics should be obtained from the
component manufacturer; DC bias is not taken into account on component tolerance. TI recommends
X5R/X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com