Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 23Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Register map
40H
5FH
EEPROM map
00H
1FH
3FH
20H
40H
60H
5FH
7FH
ee_page[1:0]
00
01
10
11
page0
page1
page2
page3
00H
1FH
3FH
20H
40H
60H
5FH
7FH
page0
page1
page2
page3
SRAM map
27
LP5520
www.ti.com
SNVS440B – MAY 2007 – REVISED MARCH 2016
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
The EEPROM has 4 pages; only one page at time can be mirrored at the register map. For getting access to
page, the number of page must be set by <ee_page[1:0]> bits in the EEPROM_control register(0DH). The page
register address range is from 40H to 5FH.
Table 12. EEPROM Pages
<ee_page[1:0]>
(bits1-0)
00
page0 (00H-1FH)
01
page1 (20H-3FH)
10
page2 (40H-5FH)
11
page3 (60H-7FH)
The EEPROM consists of two types of memory, 128 × 8 EEPROM (non volatile memory) and 128 × 8
synchronous random access memory (SRAM). The EEPROM is used to store calibrated RGB control values
when the system is powered off. SRAM is used as working memory during operation.
Figure 31. EEPROM Memory
EEPROM content is copied into SRAM always when the chip is taken from stand-by mode to active mode.
Copying to SRAM can also be made during operation by writing the <ee_read> bit high and low in the EEPROM
control (0DH) register. For reading the data from the SRAM, the page number must be set with <ee_page[1:0]>
bits and the page read from addresses 40H – 5FH.
The EEPROM must be erased before programming. The erase command erases one page at time, which must
be selected with <ee_page[1:0]> bits. This operation starts after setting and resetting <ee_erase> and takes
about 100 ms after rising <ee_erase> bit. During erasing <ee_prog> bit of the EEPROM_CONTROL register is
low. Corresponding SRAM area is erased with this operation also. <ee_erase> and <ee_prog> can be set only
one command at a time (erase or program).
During programming the content of SRAM is copied to EEPROM, EEPROM programming cycle has two steps.
At first, write the whole content of the SRAM, all 4 pages. The whole page can be written during one SPI/I2C
cycle in the auto-increment mode. Second step is programming the EEPROM. This operation starts after writing
<ee_prog> high and back low and takes about 100 ms after rising <ee_prog> bit. During programming
<ee_prog> bit of the EEPROM_CONTROL register is low. For EEPROM erasing and programming the chip has
to be in active mode (<NSTBY> high), the boost must be off (<in_boost> low) and the boost voltage set to 18 V
(boost output register value 12H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com