Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5520TL/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # LP5520TL/NOPB
Description  LP5520 RGB Backlight LED Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5520TL/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5520TL/NOPB Datasheet HTML 24Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 25Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 26Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 27Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 28Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 29Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 30Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 31Page - Texas Instruments LP5520TL/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
28
LP5520
SNVS440B – MAY 2007 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LP5520
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.6 Register Maps
7.6.1 LP5520 Registers, Control Bits, and Default Values
All registers have their default value after power-on or reset. Default value for correction registers is 1000 0000
(multiplier = 1). Default value for adaptive voltage control and fast PWM is on. Default value for current set
registers is 55H which sets the current to 20 mA. Default value for all other register bits is 0. Note that in
automatic compensation mode the LED currents are obtained from the EEPROM.
Bits with r/o are read-only bits.
ADR
REG NAME
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00H
rgb
control
seq_
mode[1]
seq_
mode[0]
en_fade
pwm_
fast
rgb_auto
en_b
en_g
en_r
0001 0000
01H
current
control (R)
cc_r[7]
cc_r[6]
cc_r[5]
cc_r[4]
cc_r[3]
cc_r[2]
cc_r[1]
cc_r[0]
0101 0101
02H
current
control (G)
cc_g[7]
cc_g[6]
cc_g[5]
cc_g[4]
cc_g[3]
cc_g[2]
cc_g[1]
cc_g[0]
0101 0101
03H
current
control (B)
cc_b[7]
cc_b[6]
cc_b[5]
cc_b[4]
cc_b[3]
cc_b[2]
cc_b[1]
cc_b[0]
0101 0101
04H
pwm
brightness
brc_off
bri2
bri1
bri0
0000 0000
05H
boost output
vprog[4]
vprog[3]
vprog[2]
vprog[1]
vprog[0]
0000 0000
06H
control
adc_ch
comp_
sel
en_
autoload
vout_
auto
en_boost
nstby
0000 0100
08H
ADC_
hi_byte
bit11
(r/o)
bit10
(r/o)
bit9
(r/o)
bit8
(r/o)
09H
ADC_
low_byte
bit7
(r/o)
bit6
(r/o)
bit5
(r/o)
bit4
(r/o)
bit3
(r/o)
bit2
(r/o)
bit1
(r/o)
bit0
(r/o)
0AH
R correction
corr_r[7]
corr_r[6]
corr_r[5]
corr_r[4]
corr_r[3]
corr_r[2]
corr_r[1]
corr_r[0]
1000 0000
0BH
G correction
corr_g[7]
corr_g[6]
corr_g[5]
corr_g[4]
corr_g[3]
corr_g[2]
corr_g[1]
corr_g[0]
1000 0000
0CH
B correction
corr_b[7]
corr_b[6]
corr_b[5]
corr_b[4]
corr_b[3]
corr_b[2]
corr_b[1]
corr_b[0]
1000 0000
0DH
EEPROM
Control
ee_ready
(r/o)
ee_erase
ee_prog
ee_read
ee_page[1
]
ee_page[0]
0000 0000
Register addresses from 40H to 5FH contain the EEPROM page. EEPROM access is described in the
Calibration Memory chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com