Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 48Page - STMicroelectronics M58LR128GT Datasheet HTML 49Page - STMicroelectronics M58LR128GT Datasheet HTML 50Page - STMicroelectronics M58LR128GT Datasheet HTML 51Page - STMicroelectronics M58LR128GT Datasheet HTML 52Page - STMicroelectronics M58LR128GT Datasheet HTML 53Page - STMicroelectronics M58LR128GT Datasheet HTML 54Page - STMicroelectronics M58LR128GT Datasheet HTML 55Page - STMicroelectronics M58LR128GT Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
M58LR128GT, M58LR128GB
52/84
Table 25. Write AC Characteristics, Write Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has this value when reading in the targeted bank or when reading following a Set Configuration Register command. System
designers should take this into account and may insert a software No-Op instruction to delay the first read in the same bank after
issuing any command and to delay the first read to any address after issuing a Set Configuration Register command. If the first read
after the command is a Read Array operation in a different bank and no changes to the Configuration Register have been issued,
tWHEL is 0ns.
3. Meaningful only if L is always kept low.
Symbol
Alt
Parameter
M58LR128GT/B
Unit
85
tAVAV
tWC
Address Valid to Next Address Valid
Min
85
ns
tAVLH
Address Valid to Latch Enable High
Min
7
ns
tAVWH
(3)
Address Valid to Write Enable High
Min
45
ns
tDVWH
tDS
Data Valid to Write Enable High
Min
45
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
Min
0
ns
tELQV
Chip Enable Low to Output Valid
Min
85
ns
tELKV
Chip Enable High to Clock Valid
Min
7
ns
tGHWL
Output Enable High to Write Enable Low
Min
17
ns
tLHAX
Latch Enable High to Address Transition
Min
7
ns
tLLLH
Latch Enable Pulse Width
Min
7
ns
tWHAV
(3)
Write Enable High to Address Valid
Min
0
ns
tWHAX
(3)
tAH
Write Enable High to Address Transition
Min
0
ns
tWHDX
tDH
Write Enable High to Input Transition
Min
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
Min
0
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
20
ns
tWHGL
Write Enable High to Output Enable Low
Min
0
ns
tWHLL
Write Enable High to Latch Enable Low
Min
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
Min
20
ns
tWLWH
tWP
Write Enable Low to Write Enable High
Min
45
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
ns
tQVWPL
Output (Status Register) Valid to Write Protect Low
Min
0
ns
tVPHWH
tVPS
VPP High to Write Enable High
Min
200
ns
tWHVPL
Write Enable High to VPP Low
Min
200
ns
tWHWPL
Write Enable High to Write Protect Low
Min
200
ns
tWPHWH
Write Protect High to Write Enable High
Min
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com