Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 83 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 83 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 76Page - STMicroelectronics M58LR128GT Datasheet HTML 77Page - STMicroelectronics M58LR128GT Datasheet HTML 78Page - STMicroelectronics M58LR128GT Datasheet HTML 79Page - STMicroelectronics M58LR128GT Datasheet HTML 80Page - STMicroelectronics M58LR128GT Datasheet HTML 81Page - STMicroelectronics M58LR128GT Datasheet HTML 82Page - STMicroelectronics M58LR128GT Datasheet HTML 83Page - STMicroelectronics M58LR128GT Datasheet HTML 84Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 84 page
background image
83/84
M58LR128GT, M58LR128GB
REVISION HISTORY
Table 50. Document Revision History
Date
Version
Revision Details
29-Apr-2004
0.1
First Issue.
19-Oct-2004
0.2
APPENDIX C. revised. Format of APPENDIX A. changed. AC Waveforms simplified.
Lead-Free packages are compliant with the ST ECOPACK specification.
31-Jan-2005
0.3
VPP is 12V tolerant (VPP max modified in Table 18., Absolute Maximum Ratings).
Bank size corrected and typical values for Bank Program modified in Table
17., Program/Erase Times and Endurance Cycles. IDD2, IDD3, IDD4 and IDD7 values
modified in Table 21., DC Characteristics - Currents. Alt symbols for tAVEH and tAVWH
removed from Table 26., Write AC Characteristics, Chip Enable Controlled and
Table 25., Write AC Characteristics, Write Enable Controlled.
APPENDIX A., BLOCK ADDRESS TABLES revised.
Document Status promoted from Target Specification to Preliminary Data.
28-June-2005
0.4
Document status promoted from Preliminary Data to full Datasheet.
tWHQV removed throughout document.
70ns speed class removed, maximum operating frequency decreased to 54MHz.
Wait at boundary and X-latency settings clarified.
Clarification of device behavior when block is protected for all Program commands in
the COMMAND INTERFACE section.
Program, Erase and Dual Operation Maximum values changed in Table 21., DC
Characteristics - Currents.
VLKO modified in Table 22., DC Characteristics - Voltages.
tGLTV modified in Figure 13., Single Synchronous Read AC Waveforms.
AC parameter values tEHQX, tEHQZ, tGHQX, tGHQZ and tGHTZ modified in Table
23., Asynchronous Read AC Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com