Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 12Page - STMicroelectronics M58LR128GT Datasheet HTML 13Page - STMicroelectronics M58LR128GT Datasheet HTML 14Page - STMicroelectronics M58LR128GT Datasheet HTML 15Page - STMicroelectronics M58LR128GT Datasheet HTML 16Page - STMicroelectronics M58LR128GT Datasheet HTML 17Page - STMicroelectronics M58LR128GT Datasheet HTML 18Page - STMicroelectronics M58LR128GT Datasheet HTML 19Page - STMicroelectronics M58LR128GT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
M58LR128GT, M58LR128GB
16/84
teed when the Block Erase operation is aborted,
the block must be erased again.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed in
banks not being erased.
Typical
Erase
times
are
given
in
Table
17., Program/Erase Times and Endurance Cy-
cles.
See APPENDIX C., Figure 23., Block Erase Flow-
chart and Pseudo Code, for a suggested flowchart
for using the Block Erase command.
Program Command
The program command is used to program a sin-
gle Word to the memory array.
If the block is protected then the Program opera-
tion will abort, the data in the block will not be
changed and the Status Register will output the er-
ror.
Two Bus Write cycles are required to issue the
Program Command.
■
The first bus cycle sets up the Program
command.
■
The second latches the address and data to
be programmed and starts the Program/Erase
Controller.
Once the programming has started, read opera-
tions in the bank being programmed output the
Status Register content.
During a Program operation, the bank containing
the Word being programmed will only accept the
Read Array, Read Status Register, Read Electron-
ic Signature, Read CFI Query and the Program/
Erase Suspend command, all other commands
will be ignored. A Read Array command is re-
quired to return the bank to Read Array mode.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed in
banks not being programmed.
Typical
Program times
are
given
in
Table
17., Program/Erase Times and Endurance Cy-
cles.
The Program operation aborts if Reset, RP, goes
to VIL. As data integrity cannot be guaranteed
when the Program operation is aborted, the Word
must be reprogrammed.
See APPENDIX C., Figure 20., Program Flow-
chart and Pseudo Code, for the flowchart for using
the Program command.
Buffer Program Command
The Buffer Program Command makes use of the
device’s 32-Word Write Buffer to speed up pro-
gramming. Up to 32 Words can be loaded into the
Write Buffer. The Buffer Program command dra-
matically reduces in-system programming time
compared to the standard non-buffered Program
command.
If the block is protected then the Buffer Program
operation will abort, the data in the block will not be
changed and the Status Register will output the er-
ror.
Four successive steps are required to issue the
Buffer Program command.
1.
The first Bus Write cycle sets up the Buffer
Program command. The setup code can be
addressed to any location within the targeted
block.
After the first Bus Write cycle, read operations in
the bank will output the contents of the Status
Register. Status Register bit SR7 should be read
to check that the buffer is available (SR7 = 1). If
the buffer is not available (SR7 = 0), re-issue the
Buffer Program command to update the Status
Register contents.
2.
The second Bus Write cycle sets up the
number of Words to be programmed. Value n
is written to the same block address, where
n+1 is the number of Words to be
programmed.
3.
Use n+1 Bus Write cycles to load the address
and data for each Word into the Write Buffer.
Addresses must lie within the range from the
start address to the start address + n.
Optimum performance is obtained when the
start address corresponds to a 32 Word
boundary. If the start address is not aligned to
a 32 word boundary, the total programming
time is doubled
4.
The final Bus Write cycle confirms the Buffer
Program command and starts the program
operation.
All the addresses used in the Buffer Program op-
eration must lie within the same block.
Invalid address combinations or failing to follow
the correct sequence of Bus Write cycles will set
an error in the Status Register and abort the oper-
ation without affecting the data in the memory ar-
ray.
If the Status Register bits SR4 and SR5 are set to
'1', the Buffer Program Command is not accepted.
Clear the Status Register before re-issuing the
command.
If the block being programmed is protected an er-
ror will be set in the Status Register and the oper-
ation will abort without affecting the data in the
memory array.
During Buffer Program operations the bank being
programmed will only accept the Read Array,
Read Status Register, Read Electronic Signature,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com