Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 56Page - STMicroelectronics M58LR128GT Datasheet HTML 57Page - STMicroelectronics M58LR128GT Datasheet HTML 58Page - STMicroelectronics M58LR128GT Datasheet HTML 59Page - STMicroelectronics M58LR128GT Datasheet HTML 60Page - STMicroelectronics M58LR128GT Datasheet HTML 61Page - STMicroelectronics M58LR128GT Datasheet HTML 62Page - STMicroelectronics M58LR128GT Datasheet HTML 63Page - STMicroelectronics M58LR128GT Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
M58LR128GT, M58LR128GB
60/84
Table 33. M58LR128GB - Parameter Bank
Block Addresses
Table 34. M58LR128GB - Main Bank Base
Addresses
Note: There are two Bank Regions: Bank Region 2 contains all the
banks that are made up of main blocks only; Bank Region 1
contains the banks that are made up of the parameter and
main blocks (Parameter Bank).
Table 35. M58LR128GB - Block Addresses in
Main Banks
Block
Number
Size
(KWords)
Address Range
10
64
070000-07FFFF
9
64
060000-06FFFF
8
64
050000-05FFFF
7
64
040000-04FFFF
6
64
030000-03FFFF
5
64
020000-02FFFF
4
64
010000-01FFFF
3
16
00C000-00FFFF
2
16
008000-00BFFF
1
16
004000-007FFF
0
16
000000-003FFF
Bank
Number
Block
Numbers
Bank Base Address
15
123-130
780000
14
115-122
700000
13
107-114
680000
12
99-106
600000
11
91-98
580000
10
83-90
500000
9
75-82
480000
8
67-74
400000
7
59-66
380000
6
51-58
300000
5
43-50
280000
4
35-42
200000
3
27-34
180000
2
19-26
100000
1
11-18
080000
Block Number Offset
Block Base Address Offset
7
070000
6
060000
5
050000
4
040000
3
030000
2
020000
1
010000
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com