Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 14Page - STMicroelectronics M58LR128GT Datasheet HTML 15Page - STMicroelectronics M58LR128GT Datasheet HTML 16Page - STMicroelectronics M58LR128GT Datasheet HTML 17Page - STMicroelectronics M58LR128GT Datasheet HTML 18Page - STMicroelectronics M58LR128GT Datasheet HTML 19Page - STMicroelectronics M58LR128GT Datasheet HTML 20Page - STMicroelectronics M58LR128GT Datasheet HTML 21Page - STMicroelectronics M58LR128GT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
M58LR128GT, M58LR128GB
18/84
Enhanced Factory Program operation and re-
turned to Read Status Register mode. A full Status
Register check should be done to ensure that the
block has been successfully programmed. See the
section on the Status Register for more details.
For optimum performance the Buffer Enhanced
Factory Program command should be limited to a
maximum of 100 program/erase cycles per block.
If this limit is exceeded the internal algorithm will
continue to work properly but some degradation in
performance is possible. Typical program times
are given in Table 17.
See APPENDIX C., Figure 27., Buffer Enhanced
Factory Program Flowchart and Pseudo Code, for
a suggested flowchart on using the Buffer En-
hanced Factory Program command.
Program/Erase Suspend Command
The Program/Erase Suspend command is used to
pause a Program or Block Erase operation. The
command can be addressed to any bank.
The Program/Erase Resume command is re-
quired to restart the suspended operation.
One bus write cycle is required to issue the Pro-
gram/Erase Suspend command. Once the Pro-
gram/Erase Controller has paused bits SR7, SR6
and/ or SR2 of the Status Register will be set to ‘1’.
The following commands are accepted during Pro-
gram/Erase Suspend:
–
Program/Erase Resume
–
Read Array (data from erase-suspended
block or program-suspended Word is not
valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query.
Additionally, if the suspended operation was a
Block Erase then the following commands are also
accepted:
–
Clear Status Register
–
Program (except in erase-suspended
block)
–
Buffer Program (except in erase
suspended blocks)
–
Block Lock
–
Block Lock-Down
–
Block Unlock.
During an erase suspend the block being erased
can be protected by issuing the Block Lock or
Block Lock-Down commands. When the Program/
Erase Resume command is issued the operation
will complete.
It is possible to accumulate multiple suspend oper-
ations. For example: suspend an erase operation,
start a program operation, suspend the program
operation, then read the array.
If a Program command is issued during a Block
Erase Suspend, the erase operation cannot be re-
sumed until the program operation has completed.
The Program/Erase Suspend command does not
change the read mode of the banks. If the sus-
pended bank was in Read Status Register, Read
Electronic signature or Read CFI Query mode the
bank remains in that mode and outputs the corre-
sponding data.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed
during Program/Erase Suspend.
During a Program/Erase Suspend, the device can
be placed in standby mode by taking Chip Enable
to VIH. Program/erase is aborted if Reset, RP,
goes to VIL.
See APPENDIX C., Figure 22., Program Suspend
& Resume Flowchart and Pseudo Code, and Fig-
ure 24., Erase Suspend & Resume Flowchart and
Pseudo Code, for flowcharts for using the Pro-
gram/Erase Suspend command.
Program/Erase Resume Command
The Program/Erase Resume command is used to
restart the program or erase operation suspended
by the Program/Erase Suspend command. One
Bus Write cycle is required to issue the command.
The command can be issued to any address.
The Program/Erase Resume command does not
change the read mode of the banks. If the sus-
pended bank was in Read Status Register, Read
Electronic signature or Read CFI Query mode the
bank remains in that mode and outputs the corre-
sponding data.
If a Program command is issued during a Block
Erase Suspend, then the erase cannot be re-
sumed until the program operation has completed.
See APPENDIX C., Figure 22., Program Suspend
& Resume Flowchart and Pseudo Code, and Fig-
ure 24., Erase Suspend & Resume Flowchart and
Pseudo Code, for flowcharts for using the Pro-
gram/Erase Resume command.
Protection Register Program Command
The Protection Register Program command is
used to program the user One-Time-Programma-
ble (OTP) segments of the Protection Register and
the two Protection Register Locks.
The device features 16 OTP segments of 128 bits
and one OTP segment of 64 bits, as shown in Fig-
ure 5., Protection Register Memory Map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com