Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128GT Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58LR128GT
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58LR128GT Datasheet HTML 31Page - STMicroelectronics M58LR128GT Datasheet HTML 32Page - STMicroelectronics M58LR128GT Datasheet HTML 33Page - STMicroelectronics M58LR128GT Datasheet HTML 34Page - STMicroelectronics M58LR128GT Datasheet HTML 35Page - STMicroelectronics M58LR128GT Datasheet HTML 36Page - STMicroelectronics M58LR128GT Datasheet HTML 37Page - STMicroelectronics M58LR128GT Datasheet HTML 38Page - STMicroelectronics M58LR128GT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
35/84
M58LR128GT, M58LR128GB
DUAL OPERATIONS AND MULTIPLE BANK ARCHITECTURE
The
Multiple
Bank
Architecture
of
the
M58LR128GT/B gives greater flexibility for soft-
ware developers to split the code and data spaces
within the memory array. The Dual Operations fea-
ture simplifies the software management of the de-
vice by allowing code to be executed from one
bank while another bank is being programmed or
erased.
The Dual Operations feature means that while pro-
gramming or erasing in one bank, read operations
are possible in another bank with zero latency
(only one bank at a time is allowed to be in pro-
gram or erase mode).
If a read operation is required in a bank, which is
programming or erasing, the program or erase op-
eration can be suspended.
Also if the suspended operation was erase then a
program command can be issued to another
block, so the device can have one block in Erase
Suspend mode, one programming and other
banks in read mode.
Bus Read operations are allowed in another bank
between setup and confirm cycles of program or
erase operations.
By using a combination of these features, read op-
erations are possible at any moment in the
M58LR128GT/B device.
Dual operations between the Parameter Bank and
either of the CFI, the OTP or the Electronic Signa-
ture memory space are not allowed. Table 15.
shows which dual operations are allowed or not
between the CFI, the OTP, the Electronic Signa-
ture locations and the memory array.
Tables 13 and 14 show the dual operations possi-
ble in other banks and in the same bank.
Table 13. Dual Operations Allowed In Other Banks
Table 14. Dual Operations Allowed In Same Bank
Note: 1. Not allowed in the Word that is being erased or programmed.
2. The Read Array command is accepted but the data output is not guaranteed until the Program or Erase has completed.
Status of bank
Commands allowed in another bank
Read
Array
Read
Status
Register
Read
CFI
Query
Read
Electronic
Signature
Program,
Buffer Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
Yes
Yes
Yes
Yes
–
–
Yes
–
Erasing
Yes
Yes
Yes
Yes
–
–
Yes
–
Program Suspended
Yes
Yes
Yes
Yes
–
–
–
Yes
Erase Suspended
Yes
Yes
Yes
Yes
Yes
–
–
Yes
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read
CFI Query
Read
Electronic
Signature
Program,
Buffer
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
–(2)
Yes
Yes
Yes
–
–
Yes
–
Erasing
–(2)
Yes
Yes
Yes
–
–
Yes
–
Program Suspended
Yes(1)
Yes
Yes
Yes
–
–
–
Yes
Erase Suspended
Yes(1)
Yes
Yes
Yes
Yes(1)
––
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com