Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 198 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 198 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 194Page - Microchip Technology LAN9252TV/ML Datasheet HTML 195Page - Microchip Technology LAN9252TV/ML Datasheet HTML 196Page - Microchip Technology LAN9252TV/ML Datasheet HTML 197Page - Microchip Technology LAN9252TV/ML Datasheet HTML 198Page - Microchip Technology LAN9252TV/ML Datasheet HTML 199Page - Microchip Technology LAN9252TV/ML Datasheet HTML 200Page - Microchip Technology LAN9252TV/ML Datasheet HTML 201Page - Microchip Technology LAN9252TV/ML Datasheet HTML 202Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 329 page
background image
LAN9252
DS00001909A-page 198
 2015 Microchip Technology Inc.
12.3
PDI Selection and Configuration
The Process Data Interface (PDI) used by the device is indicated via the PDI Control Register. The available PDIs are:
• 04h: Digital I/O PDI
• 80h-8Dh: Host Interface PDI (SPI, HBI Multiplexed/Indexed 1/2 Phase 8/16-bit)
Note:
The PDI Control Register can be configured via EEPROM. Refer to Section 12.8, "EEPROM Configurable
Registers," on page 201 for additional information.
The Host Interface PDI is used to support HBI and SPI modes, as described in Section 14.0, "Chip Mode Configuration,"
on page 296.
The configuration of the enabled PDI is controlled via the PDI Configuration Register and Extended PDI Configuration
Register. The definition of these registers depends on the selected mode of operation. However, only one register set
exists.
12.4
Digital I/O PDI
The Digital I/O PDI provides 16 configurable digital I/Os (DIGIO[15:0]) to be used for simple systems without a host
controller. The Digital I/O Output Data Register is used to control the output values, while the Digital I/O Input Data Reg-
ister is used to read the input values. Each 2-bit pair of the digital I/Os is configurable as an input or output. The direction
is selected by the Extended PDI Configuration Register, which is configured via EEPROM (Refer to Section 12.8,
"EEPROM Configurable Registers," on page 201 for additional information). The Digital I/Os can also be configured to
bi-directional mode, where the outputs are driven and latched externally and then released so that the input data can
be sampled. Bi-directional operation is selected via the Unidirectional/Bidirectional Mode bit of the PDI Configuration
Register. The PDI Configuration Register is initialized from the contents of EEPROM.
12.4.1
OUTPUT WATCHDOG BEHAVIOR
The watchdog control of the digital outputs can be configured to specify if the expiration of the SyncManager Watchdog
will have an immediate effect on the I/O signals (output reset immediately after watchdog timeout) or if the effect is
delayed until the next output event (output reset with next output event). The choice is determined by the Watchdog
Behavior bit of the PDI Configuration Register. The PDI Configuration Register is initialized from the contents of
EEPROM. Refer to Section 12.8, "EEPROM Configurable Registers," on page 201 for additional information.
12.4.2
OE_EXT OUTPUT WATCHDOG BEHAVIOR
For external watchdog implementations, the WD_TRIG (watchdog trigger) pin can be used. A pulse is generated if the
SyncManager Watchdog is triggered. In this case, the internal SyncManager Watchdog should be disabled, and the
external watchdog may use the OE_EXT pin to reset the I/O signals if the watchdog is expired.
The OUTVALID Mode bit of the PDI Configuration Register controls if WD_TRIG is mapped onto the OUTVALID pin.
The PDI Configuration Register is initialized from the contents of EEPROM. Since there is a dedicated WD_TRIG pin,
this bit is normally set to 0 in the EEPROM.
12.4.3
INPUT DATA SAMPLING
Digital inputs can be configured to be sampled in four ways, at the start of each Ethernet frame, at the rising edge of the
LATCH_IN pin, at Distributed Clocks SYNC0 events or at Distributed Clocks SYNC1 events. The choice of sampling
mode is determined by the Input Data Sample Selection bits of the PDI Configuration Register. The PDI Configuration
Register is initialized from the contents of EEPROM.
12.4.4
OUTPUT DATA UPDATING
Digital outputs can be configured to be update four ways, at the end of each Ethernet frame, with Distributed Clocks
SYNC0 events, with Distributed Clocks SYNC1 events or at the end of an EtherCAT frame which triggered the Process
Data Watchdog. The choice of sampling mode is determined by the Output Data Sample Selection bits of the PDI Con-
figuration Register. The PDI Configuration Register is initialized from the contents of EEPROM.
12.4.5
OUTVALID POLARITY
The output polarity of the OUTVALID pin is determined by the OUTVALID Polarity bit of the PDI Configuration Register.
The PDI Configuration Register is initialized from the contents of EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com