Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 96 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 96 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 92Page - Microchip Technology LAN9252TV/ML Datasheet HTML 93Page - Microchip Technology LAN9252TV/ML Datasheet HTML 94Page - Microchip Technology LAN9252TV/ML Datasheet HTML 95Page - Microchip Technology LAN9252TV/ML Datasheet HTML 96Page - Microchip Technology LAN9252TV/ML Datasheet HTML 97Page - Microchip Technology LAN9252TV/ML Datasheet HTML 98Page - Microchip Technology LAN9252TV/ML Datasheet HTML 99Page - Microchip Technology LAN9252TV/ML Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 329 page
background image
LAN9252
DS00001909A-page 96
 2015 Microchip Technology Inc.
8-BIT READS AND WRITES TO CONSTANT INTERNAL ADDRESS
One of the Index Registers is set as described above. A mix of reads and writes on D[7:0] follows, with each read or
write consisting of an access to all four BYTES of the corresponding Data Register.
9.5.6.4
RD_WR / ENB Control Mode Examples
The figures in this section detail read and write operations utilizing the alternative RD_WR and ENB signaling. The HBI
read/write mode is selectable via the HBI Read/Write Mode bit of the PDI Configuration Register (HBI Modes).
FIGURE 9-34:
INDEXED ADDRESSING INTERNAL REGISTER DATA ACCESS - 8-BIT READS/
WRITES CONSTANT ADDRESS
Note:
The examples in this section detail 16-bit mode with access to an Index Register. However, the RD_WR
and ENB signaling can be used identically for all other accesses including FIFO Direct Select Access.
The examples in this section show the ENB signal active-high and the RD_WR signal low for read and high
for write. The polarities of the RD_WR and ENB signals are selectable via the HBI Read, Read/Write Polar-
ity and HBI Write, Enable Polarity bits of the PDI Configuration Register (HBI Modes).
CS
RD
WR
INDEX,2'b00
Index 15:8
D[15:8]
A[4:0]
INDEX,2'b01
Index 7:0
D[7:0]
DATA,2'b00
Data 7:0
DATA,2'b01
Data 15:8
DATA,2'b10
Data 23:16
DATA,2'b00
Data 7:0
DATA,2'b01
Data 15:8
DATA,2'b10
Data 23:16
Hi-Z
8'hXX
INDEX,2'b10
8'hXX
INDEX,2'b11
DATA,2'b10
Data 23:16
DATA,2'b11
Data 31:24
CS
RD
WR
D[15:8]
A[4:0]
D[7:0]
DATA,2'b10
Data 23:16
DATA,2'b11
Data 31:24
DATA,2'b00
Data 7:0
DATA,2'b01
Data 15:8
DATA,2'b10
Data 23:16
DATA,2'b10
Data 23:16
DATA,2'b11
Data 31:24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com