Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 25 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 25 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 21Page - Microchip Technology LAN9252TV/ML Datasheet HTML 22Page - Microchip Technology LAN9252TV/ML Datasheet HTML 23Page - Microchip Technology LAN9252TV/ML Datasheet HTML 24Page - Microchip Technology LAN9252TV/ML Datasheet HTML 25Page - Microchip Technology LAN9252TV/ML Datasheet HTML 26Page - Microchip Technology LAN9252TV/ML Datasheet HTML 27Page - Microchip Technology LAN9252TV/ML Datasheet HTML 28Page - Microchip Technology LAN9252TV/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 25
LAN9252
1Latch In
LATCH_IN
VIS
This pin is the external data latch signal. The input
data is sampled each time a rising edge of
LATCH_IN is recognized.
1
Watchdog
Trigger
WD_TRIG
VO8
This pin is the SyncManager Watchdog Trigger out-
put.
Note:
The signal is not driven (high imped-
ance) until the EEPROM is loaded.
1
Watchdog
State
WD_STATE
VO8
This pin is the SyncManager Watchdog State out-
put. A 0 indicates the watchdog has expired.
Note:
The signal is not driven (high imped-
ance) until the EEPROM is loaded.
1
Start of Frame
SOF
VO8
This pin is the Start of Frame output and indicates
the start of an Ethernet/EtherCAT frame.
Note:
The signal is not driven (high imped-
ance) until the EEPROM is loaded.
1
End of Frame
EOF
VO8
This pin is the End of Frame output and indicates
the end of an Ethernet/EtherCAT frame.
Note:
The signal is not driven (high imped-
ance) until the EEPROM is loaded.
1
Output Enable
OE_EXT
VIS
This pin is the Output Enable input. When low, it
clears the output data.
TABLE 3-11:
EEPROM PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
EEPROM I2C
Serial Data
Input/Output
EESDA
VIS/VOD8
When the device is accessing an external EEPROM
this pin is the I2C serial data input/open-drain out-
put.
Note:
This pin must be pulled-up by an exter-
nal resistor at all times.
1
EEPROM I2C
Serial Clock
EESCL
VOD8
When the device is accessing an external EEPROM
this pin is the I2C clock open-drain output.
Note:
This pin must be pulled-up by an exter-
nal resistor at all times.
TABLE 3-10:
ETHERCAT DIGITAL I/O AND GPIO PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com