Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 31 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 31 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 27Page - Microchip Technology LAN9252TV/ML Datasheet HTML 28Page - Microchip Technology LAN9252TV/ML Datasheet HTML 29Page - Microchip Technology LAN9252TV/ML Datasheet HTML 30Page - Microchip Technology LAN9252TV/ML Datasheet HTML 31Page - Microchip Technology LAN9252TV/ML Datasheet HTML 32Page - Microchip Technology LAN9252TV/ML Datasheet HTML 33Page - Microchip Technology LAN9252TV/ML Datasheet HTML 34Page - Microchip Technology LAN9252TV/ML Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 31
LAN9252
4.1
Internal Voltage Regulators
The device contains two internal 1.2 V regulators:
• 1.2 V Core Regulator
• 1.2 V Crystal Oscillator Regulator
4.1.1
1.2 V CORE REGULATOR
The core regulator supplies 1.2 V volts to the main core digital logic, the I/O pads, and the PHYs’ digital logic and can
be used to supply the 1.2 V power to the PHY analog sections (via an external connection).
When the REG_EN input pin is connected to 3.3 V, the core regulator is enabled and receives 3.3 V on the VDD33 pin.
A 1.0 uF 0.1
 ESR capacitor must be connected to the VDDCR pin associated with the regulator.
When the REG_EN input pin is connected to VSS, the core regulator is disabled. However, 3.3 V must still be supplied
to the VDD33 pin. The 1.2 V core voltage must then be externally input into the VDDCR pins.
4.1.2
1.2 V CRYSTAL OSCILLATOR REGULATOR
The crystal oscillator regulator supplies 1.2 V volts to the crystal oscillator. When the REG_EN input pin is connected to
3.3 V, the crystal oscillator regulator is enabled and receives 3.3 V on the VDD33 pin. An external capacitor is not
required.
When the REG_EN input pin is connected to VSS, the crystal oscillator regulator is disabled. However, 3.3 V must still
be supplied to the VDD33 pin. The 1.2 V crystal oscillator voltage must then be externally input into the OSCVDD12 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com