Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 16Page - Microchip Technology LAN9252TV/ML Datasheet HTML 17Page - Microchip Technology LAN9252TV/ML Datasheet HTML 18Page - Microchip Technology LAN9252TV/ML Datasheet HTML 19Page - Microchip Technology LAN9252TV/ML Datasheet HTML 20Page - Microchip Technology LAN9252TV/ML Datasheet HTML 21Page - Microchip Technology LAN9252TV/ML Datasheet HTML 22Page - Microchip Technology LAN9252TV/ML Datasheet HTML 23Page - Microchip Technology LAN9252TV/ML Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 329 page
background image
LAN9252
DS00001909A-page 20
 2015 Microchip Technology Inc.
Note 5:
Refer to Section 4.0, "Power Connections," on page 29, the device reference schematics, and the device
LANCheck schematic checklist for additional connection information.
TABLE 3-5:
LAN PORT A & B POWER AND COMMON PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
Bias Reference
RBIAS
AI
Used for internal bias circuits. Connect to an exter-
nal 12.1 kΩ, 1% resistor to ground.
Refer to the device reference schematic for connec-
tion information.
Note:
The nominal voltage is 1.2 V and the
resistor will dissipate approximately
1 mW of power.
1
Port A and B
FX-LOS Enable
Strap
FXLOSEN
AI
Port A and B FX-LOS Enable. This 3 level strap
input selects between FX-LOS and FX-SD / copper
twisted pair mode.
A level below 1 V (typ.) selects FX-SD / copper
twisted pair for ports A and B, further determined by
FXSDENA and FXSDENB.
A level of 1.5 V selects FX-LOS for port A and FX-
SD / copper twisted pair for port B, further deter-
mined by FXSDENB.
A level above 2 V (typ.) selects FX-LOS for ports A
and B.
1
+3.3 V Port A
Analog Power
Supply
VDD33TXRX1
P
See Note 5.
1
+3.3 V Port B
Analog Power
Supply
VDD33TXRX2
P
See Note 5.
1
+3.3 V Master
Bias Power
Supply
VDD33BIAS
P
See Note 5.
1
Port A
Transmitter
+1.2 V Power
Supply
VDD12TX1
P
This pin is supplied from either an external 1.2 V
supply or from the device’s internal regulator via the
PCB. This pin must be tied to the VDD12TX2 pin for
proper operation.
See Note 5.
1
Port B
Transmitter
+1.2 V Power
Supply
VDD12TX2
P
This pin is supplied from either an external 1.2 V
supply or from the device’s internal regulator via the
PCB. This pin must be tied to the VDD12TX1 pin for
proper operation.
See Note 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com