Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 37 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 37 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 33Page - Microchip Technology LAN9252TV/ML Datasheet HTML 34Page - Microchip Technology LAN9252TV/ML Datasheet HTML 35Page - Microchip Technology LAN9252TV/ML Datasheet HTML 36Page - Microchip Technology LAN9252TV/ML Datasheet HTML 37Page - Microchip Technology LAN9252TV/ML Datasheet HTML 38Page - Microchip Technology LAN9252TV/ML Datasheet HTML 39Page - Microchip Technology LAN9252TV/ML Datasheet HTML 40Page - Microchip Technology LAN9252TV/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 37
LAN9252
6.0
CLOCKS, RESETS, AND POWER MANAGEMENT
6.1
Clocks
The device provides generation of all system clocks as required by the various sub-modules of the device. The clocking
sub-system is comprised of the following:
• Crystal Oscillator
• PHY PLL
6.1.1
CRYSTAL OSCILLATOR
The device requires a fixed-frequency 25 MHz clock source for use by the internal clock oscillator and PLL. This is typ-
ically provided by attaching a 25 MHz crystal to the OSCI and OSCO pins as specified in Section 18.7, "Clock Circuit,"
on page 320. Optionally, this clock can be provided by driving the OSCI input pin with a single-ended 25 MHz clock
source. If a single-ended source is selected, the clock input must run continuously for normal device operation. Power
savings modes allow for the oscillator or external clock input to be halted.
The crystal oscillator can be disabled as describe in Section 6.3.4, "Chip Level Power Management," on page 45.
For system level verification, the crystal oscillator output can be enabled onto the IRQ pin. See Section 8.2.7, "Clock
Output Test Mode," on page 56.
Power for the crystal oscillator is provided by a dedicated regulator or separate input pin. See Section 4.1.2, "1.2 V Crys-
tal Oscillator Regulator," on page 31.
6.1.2
PHY PLL
The PHY module receives the 25 MHz reference clock and, in addition to its internal clock usage, outputs a main system
clock that is used to derive device sub-system clocks.
The PHY PLL can be disabled as describe in Section 6.3.4, "Chip Level Power Management," on page 45. The PHY
PLL will be disabled only when requested and if the PHY ports are in a power down mode.
Power for PHY PLL is provided by an external input pin, usually sourced by the device’s 1.2V core regulator. See Section
4.0, "Power Connections," on page 29.
Note:
Crystal specifications are provided in Table 18-12, “Crystal Specifications,” on page 320.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com