Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 34Page - Microchip Technology LAN9252TV/ML Datasheet HTML 35Page - Microchip Technology LAN9252TV/ML Datasheet HTML 36Page - Microchip Technology LAN9252TV/ML Datasheet HTML 37Page - Microchip Technology LAN9252TV/ML Datasheet HTML 38Page - Microchip Technology LAN9252TV/ML Datasheet HTML 39Page - Microchip Technology LAN9252TV/ML Datasheet HTML 40Page - Microchip Technology LAN9252TV/ML Datasheet HTML 41Page - Microchip Technology LAN9252TV/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 329 page
background image
LAN9252
DS00001909A-page 38
 2015 Microchip Technology Inc.
6.2
Resets
The device provides multiple hardware and software reset sources, which allow varying levels of the device to be reset.
All resets can be categorized into three reset types as described in the following sections:
• Chip-Level Resets
- Power-On Reset (POR)
- RST# Pin Reset
- EtherCAT System Reset
• Multi-Module Resets
- DIGITAL RESET (DIGITAL_RST)
• Single-Module Resets
- Port A PHY Reset
- Port B PHY Reset
- EtherCAT Controller Reset
The device supports the use of configuration straps to allow automatic custom configurations of various device param-
eters. These configuration strap values are set upon de-assertion of all chip-level resets and can be used to easily set
the default parameters of the chip at power-on or pin (RST#) reset. Refer to Section 6.3, "Power Management," on
page 43 for detailed information on the usage of these straps.
Table 6-1 summarizes the effect of the various reset sources on the device. Refer to the following sections for detailed
information on each of these reset types.
TABLE 6-1:
RESET SOURCES AND AFFECTED DEVICE FUNCTIONALITY
Module/
Functionality
POR
RST#
Pin
EtherCAT
System Reset
Digital
Reset
EtherCAT
Module Reset
25 MHz Oscillator
(1)
Voltage Regulators
(2)
EtherCAT Core
X
XXXX
PHY A
XX
X
PHY B
XX
X
PHY Common
(3)
Voltage Supervision
(3)
PLL
(3)
SPI/SQI Slave
X
XXX
Host Bus Interface
X
XXX
Power Management
X
XXX
General Purpose Timer
X
XXX
Free Running Counter
X
XXX
System CSR
X
XXX
Config. Straps Latched
YES
YES
YES
NO(4)
EEPROM Loader Run
YES
YES
YES
YES
YES
Tristate Output Pins(
5)
YES
YES
YES
RST# Pin Driven Low
YES
YES
Note
1:
POR is performed by the XTAL voltage regulator, not at the system level
2:
POR is performed internal to the voltage regulators
3:
POR is performed internal to the PHY
4:
Strap inputs are not re-latched
5:
Only those output pins that are used for straps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com