Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 205 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 205 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 201Page - Microchip Technology LAN9252TV/ML Datasheet HTML 202Page - Microchip Technology LAN9252TV/ML Datasheet HTML 203Page - Microchip Technology LAN9252TV/ML Datasheet HTML 204Page - Microchip Technology LAN9252TV/ML Datasheet HTML 205Page - Microchip Technology LAN9252TV/ML Datasheet HTML 206Page - Microchip Technology LAN9252TV/ML Datasheet HTML 207Page - Microchip Technology LAN9252TV/ML Datasheet HTML 208Page - Microchip Technology LAN9252TV/ML Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 205
LAN9252
As shown in Table 12-3, "EtherCAT Core EEPROM Configurable Registers", bit 7 of the ASIC Configuration Register is
used to enable writes to PHY register 9 for PHYs which use this register per IEEE 802.3.
12.9.4.1
MI LINK DETECTION AND CONFIGURATION STATE MACHINE
The MI Link Detection and Configuration state machine operates as follows:
• Check that auto-negotiation is enabled
• Check that only 100BASE-X full-duplex is advertised
• Check that 1000BASE-T is not advertised
• Check that auto-negotiation is completed
• Check that link partner is 100BASE-X full-duplex
• Otherwise, set the registers as needed and restart auto-negotiation
12.9.5
ENHANCED LINK DETECTION
The EtherCAT Core supports the enhanced link detection feature with the enable is controlled by the EEPROM. With
this, the EtherCAT Core will disconnect a link if at least 32 RX errors (RX_ER) occur in a fixed interval of time (~10 us).
Refer to Section 12.8, "EEPROM Configurable Registers," on page 201 for additional information.
12.9.6
100BASE-FX SUPPORT
Since 100BASE-FX operation does not provide support for Auto-Negotiation, special consideration is required for MI
and Enhanced link detection operation.
MII LINK DETECTION
When any port is set for 100BASE-FX operation, MI link detection must be disabled by maintaining bit 2 of the MII Man-
agement Control/Status Register low.
ENHANCED LINK DETECTION
Enhanced link detection may still be enabled. If enhanced link detection detects an error condition, it will still attempt to
restart Auto-Negotiation. Since this would have no effect, the internal PHY is also reset.
A system that uses an external 100BASE-FX PHY must implement the logic described in the Enhanced FX Link Detec-
tion section of the Beckhoff PHY Selection guide to detect the restart Auto-Negotiation command and reset the external
PHY and reset / disable the external transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com