Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TV/ML Datasheet(PDF) 219 Page - Microchip Technology

Part # LAN9252TV/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TV/ML Datasheet(HTML) 219 Page - Microchip Technology

Back Button LAN9252TV/ML Datasheet HTML 215Page - Microchip Technology LAN9252TV/ML Datasheet HTML 216Page - Microchip Technology LAN9252TV/ML Datasheet HTML 217Page - Microchip Technology LAN9252TV/ML Datasheet HTML 218Page - Microchip Technology LAN9252TV/ML Datasheet HTML 219Page - Microchip Technology LAN9252TV/ML Datasheet HTML 220Page - Microchip Technology LAN9252TV/ML Datasheet HTML 221Page - Microchip Technology LAN9252TV/ML Datasheet HTML 222Page - Microchip Technology LAN9252TV/ML Datasheet HTML 223Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 219
LAN9252
12.13.5
ETHERCAT PROCESS RAM READ ADDRESS AND LENGTH REGISTER
(ECAT_PRAM_RD_ADDR_LEN)
This read/write register is used in conjunction with the EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_-
DATA) and the EtherCAT Process RAM Read Command Register (ECAT_PRAM_RD_CMD) to perform read operations
from the EtherCAT Core Process RAM.
Offset:
308h
Size:
32 bits
Note:
The starting byte address and length must be programmed with valid values such that all transfers are
within the bounds of the Process RAM address range of 1000h to 1FFFh.
Bits
Description
Type
Default
31:16
PRAM Read Length (PRAM_READ_LEN)
This field indicates the number of bytes to be read from the EtherCAT Core
Process RAM. It is decremented as data is read from the EtherCAT Core and
placed into the FIFO.
The host should not modify this field unless the PRAM Read Busy
(PRAM_READ_BUSY) bit is a low.
R/W
0000h
15:0
PRAM Read Address (PRAM_READ_ADDR)
This field indicates the EtherCAT Core byte address to be read. It is incre-
mented as data is read from the EtherCAT Core and placed into the FIFO.
Note:
The Process RAM starts at address 1000h.
The host should not modify this field unless the PRAM Read Busy
(PRAM_READ_BUSY) bit is a 0.
R/W
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com