Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1742E/2K Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1742E/2K
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM1742E/2K Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1742E/2K Datasheet HTML 15Page - Texas Instruments PCM1742E/2K Datasheet HTML 16Page - Texas Instruments PCM1742E/2K Datasheet HTML 17Page - Texas Instruments PCM1742E/2K Datasheet HTML 18Page - Texas Instruments PCM1742E/2K Datasheet HTML 19Page - Texas Instruments PCM1742E/2K Datasheet HTML 20Page - Texas Instruments PCM1742E/2K Datasheet HTML 21Page - Texas Instruments PCM1742E/2K Datasheet HTML 22Page - Texas Instruments PCM1742E/2K Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
www.ti.com
DACx – DAC Operation Control
DM12 – Digital De-Emphasis Function Control
DMF[1:0] – Sampling Frequency Selection for the De-Emphasis Function
PCM1742
SBAS176A – DECEMBER 2000 – REVISED APRIL 2005
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 19
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
DMF1
DMF0
DM12
RSV
RSV
DAC2
DAC1
where x = 1 or 2, corresponding to the DAC output VOUTL (x = 1) or VOUTR (x = 2).
Default value: 0
DACx = 0
DAC operation enabled (default)
DACx = 1
DAC operation disabled
The DAC operation controls are used to enable and disable the DAC outputs, VOUTL and VOUTR. When DACx =
0, the corresponding output generates the audio waveform dictated by the data present on the DATA pin. When
DACx = 1, the corresponding output is set to the bipolar zero level, or VCC/2.
Default value: 0
DM12 = 0
De-emphasis disabled (default)
DM12 = 1
De-emphasis enabled
The DM12 bit is used to enable or disable the digital de-emphasis function. Refer to the Typical Performance
Curves section of this data sheet for more information.
Default value: 00
DMF[1:0]
De-Emphasis Sample Rate Selection
00
44.1 kHz (default)
01
48 kHz
10
32 kHz
11
Reserved
The DMF[1:0] bits select the sampling frequency used for the digital de-emphasis function when it is enabled.
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com